Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3958TL/NOPB.A Datasheet(PDF) 26 Page - Texas Instruments

Part # LP3958TL/NOPB.A
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3958TL/NOPB.A Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP3958TL/NOPB.A Datasheet HTML 22Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 23Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 24Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 25Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 26Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 27Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 28Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 29Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
LP3958
SNVS423C – JANUARY 2006 – REVISED MARCH 2013
www.ti.com
LP3958 Register Bit Explanations
Each register is shown with a key indicating the accessibility of the each individual bit, and the initial condition:
Table 6. Register Bit Accessibility and Initial Condition
Key
Bit Accessibility
RW
Read/write
R
Read only
–0,–1
Condition after POR
CONTROL REGISTER (00H) – KEYPAD LEDS CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
KEYP_PWM
EN_KEYP
CC_SW
K1SW
K2SW
K3SW
RW - 0
RW - 0
RW - 1
R - 0
RW - 0
RW - 0
RW - 0
R - 0
0 - Internal KEYPAD PWM control disabled
KEYP_PWM
Bit 7
1 - Internal KEYPAD PWM control enabled
0 – KEYPAD outputs disabled
EN_KEYP
Bit 6
1 – KEYPAD outputs enabled
0 – Constant current sink mode
CC_SW
Bit 5
1 – Switch mode
0 – KEYPAD1 disabled
K1SW
Bit 3
1 – KEYPAD1 enabled
Bit 2
0 – KEYPAD2 disabled
K2SW
1 – KEYPAD2 enabled
0 – KEYPAD3 disabled
K3SW
Bit 1
1 – KEYPAD3 enabled
KEYPAD (01H) – KEYPAD BALANCE AND BRIGHTNESS CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
BALANCE[2:0]
BRIGHT[2:0]
OVL
R - 0
RW - 0
RW - 0
RW - 0
RW - 0
RW - 0
RW - 0
RW - 0
BALANCE[2:0]
Bits 6-4
PWM balance for KEYPAD outputs
BRIGHT[2:0]
Bits 3-1
PWM brightness control for KEYPAD outputs
0 – Overlapping mode disabled
OVL
Bit 0
1 – Overlapping mode enabled
KEYPAD MAX CURRENT (02H) – MAXIMUM KEYPAD CURRENT CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
IK1[1:0]
IK2[1:0]
IK3[1:0]
R - 0
R - 0
RW - 0
RW - 0
RW - 0
RW - 0
RW - 0
RW - 0
Maximum current for KEY1,2,3 driver
IK1,2,3[1:0]
Maximum output current
00
0.25 × IMAX
01
0.50 × IMAX
10
0.75 × IMAX
11
1.00 × IMAX
26
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com