Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3958TL/NOPB.A Datasheet(PDF) 18 Page - Texas Instruments

Part # LP3958TL/NOPB.A
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3958TL/NOPB.A Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP3958TL/NOPB.A Datasheet HTML 14Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 15Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 16Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 17Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 18Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 19Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 20Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 21Page - Texas Instruments LP3958TL/NOPB.A Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
LP3958
SNVS423C – JANUARY 2006 – REVISED MARCH 2013
www.ti.com
6. Fading will be done either within 0.65s or 1.3s based on SLOPE selection
Fading times apply to full scale change i.e. from 0 to 100% or vice versa. If the current change does not
correspond to full scale change, the time will be respectively shorter. See WLED Dimming diagrams for typical
fade times.
WLED CONTROL REGISTER (03H)
Name
Bit
Description(1)
SLOPE
5
FADE execution time:
0 = 1.3s (full scale)
1 = 0.65s (full scale)
FADE_SEL
4
FADE selection:
0 = FADE controls MAIN
1 = FADE controls SUB
EN_FADE
3
FADE enable
0 = FADE disabled
1 = FADE enabled
DISPL
2
Display mode:
0 = MAIN and SUB individual control
1 = MAIN and SUB controlled with MAIN DAC
EN_MAIN
1
MAIN enable:
0 = disable
1 = enable
EN_SUB
0
SUB enable:
0 = disable
1 = enable
(1)
If DISPL=1 and FADE_SEL=0 then FADE effects MAIN and SUB
Adjustment is made with 04H (main current) and with 05H (sub current) registers:
MAIN CURRENT [7:0]
Driver current,
SUB CURRENT [7:0]
mA (typical)
0000 0000
0
0000 0001
0.1
0000 0010
0.2
0000 0011
0.3
…
…
…
…
1111 1101
25.3
1111 1110
25.4
1111 1111
25.5
Backlight Driver Electrical Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IMAX
Maximum Sink Current
25.5
30
mA
ILEAKAGE
Leakage Current
VSUB, MAIN =18V
0.03
1
µA
IMAIN
MAIN Current tolerance
IMAIN and ISUB set to 12.8mA (80H)
11.1
12.8
14.1
mA
ISUB
SUB Current tolerance
MatchMAIN-
Sink Current Matching Error(1)
ISINK=12.8mA, DISPL=1
0.2
%
SUB
MatchMAIN-
Sink Current Matching Error
ISINK=12.8mA, DISPL=0
5
%
SUB
VSAT
95% Saturation Voltage
ISINK=25mA
400
600
mV
800
(1)
Matching is the maximum difference from the average.
18
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com