Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1738E/2K.B Datasheet(PDF) 33 Page - Texas Instruments

Part # PCM1738E/2K.B
Description  24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1738E/2K.B Datasheet(HTML) 33 Page - Texas Instruments

Back Button PCM1738E/2K.B Datasheet HTML 29Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 30Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 31Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 32Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 33Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 34Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 35Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 36Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
www.ti.com
SYSTEM CLOCK (SCKI) AND INTERFACE TIMING
AUDIO FORMAT
FUNCTIONS AVAILABLE IN THE EXTERNAL DIGITAL-FILTER MODE
MSB
MSB
MSB
LSB
LSB
LSB
16
BCK
DATAL
DATAR
1/4f
or1/8f
S
S
WDCK
AudioDataWord=16-Bit
AudioDataWord=20-Bit
AudioDataWord=24-Bit
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
16
15
16
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
20
19
20
17 18 19
16
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
24
23
20
17 18 19
24
21 22 23
DATAL
DATAR
DATAL
DATAR
T0198-01
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
The external digital-filter application mode is available by programming the following bits in the corresponding
mode control registers:
DFTH = 1 (register 20)
DME = 0 (register 18)
The pins used to provide the serial interface for the external digital filter are shown in the application diagram of
Figure 41. The word (WDCK) and bit (BCK) clock signals, as well as the audio data inputs (DATAL and DATAR)
must be operated at 8
× or 4× the original sampling frequency at the input of the digital filter.
The PCM1738, in external digital-filter mode, allows any system-clock frequency synchronized with BCK and
WDCK. The system clock may be phase-free with BCK and WDCK. See Figure 43 for interface timing among
WDCK, BCK, DATAL, and DATAR.
In external digital-filter interface mode, the PCM1738 supports a right-justified audio format interface including
16-, 20-, and 24-bit audio data (see Figure 42) that should be selected by FMT[2:0] of mode control register 18.
The external digital-filter mode allows access to the majority of the PCM1738's mode-control functions. Table 5
shows the register mapping available when the external digital-filter mode is selected, along with descriptions of
functions that are modified for this mode selection.
Figure 42. Audio Data Input Format for External Digital Filter (Internal DF Bypass Mode) Application
33
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com