Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1738E/2K.B Datasheet(PDF) 34 Page - Texas Instruments

Part # PCM1738E/2K.B
Description  24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1738E/2K.B Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCM1738E/2K.B Datasheet HTML 30Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 31Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 32Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 33Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 34Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 35Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 36Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 37Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
www.ti.com
t
(BCH)
t
(BCL)
t
(LB)
t
(BCY)
WDCK
BCK
DATAL
DATAR
t
(DS)
1.4V
1.4V
1.4V
T0199-01
t
(DH)
t
(BL)
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
PARAMETER
MIN
MAX
UNIT
t(BCY)
BCK clock cycle time
18
ns
tw(BCL)
BCK pulse duration, LOW
7
ns
tw(BCH)
BCK pulse duration, HIGH
7
ns
t(BL)
BCK rising edge to WDCK falling edge
5
ns
t(LB)
WDCK falling edge to BCK rising edge
5
ns
t(DS)
DATA setup time
5
ns
t(DH)
DATA hold time
5
ns
Figure 43. Audio Interface Timing for External Digital Filter (Internal DF Bypass Mode) Application
Table 5. Register Mapping in the External Digital-Filter Mode
REGISTER
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
16
W/R
0
0
1
0
0
0
0
–(1)
–
–
–
–
–
–
–
17
W/R
0
0
1
0
0
0
1
–
–
–
–
–
–
–
–
18
W/R
0
0
1
0
0
1
0
–
FMT2
FMT1
FMT0
–
–
DME(2)
–
19
W/R
0
0
1
0
0
1
1
–
–
–
OPE
CLKD
CLKE
–
INZD
20
W/R
0
0
1
0
1
0
0
RSV
SRST
MRST
DFTH(2)
RSV
RSV
OS1
OS0
21
R
0
0
1
0
1
0
1
RSV
RSV
RSV
RSV
RSV
RSV
ZFGR
ZFGL
(1)
– = function disabled. No operation regardless of data setting.
(2)
These bits are required for selection of the external digital-filter mode.
FMT[2:0] Audio Data Format Selection
These bits are available for read/write.
Default Value: 000
FMT[2:0]
Audio Data Format Select
000
16-bit, right-justified format (default)
001
20-bit, right-justified format
010
24-bit, right-justified format
Other
Reserved
34
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com