Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AB-RTC-XB-32.768KHZ-2 Datasheet(PDF) 3 Page - Abracon Corporation

Part # AB-RTC-XB-32.768KHZ-2
Description  Real Time Clock Module with I2C Bus
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTC-XB-32.768KHZ-2 Datasheet(HTML) 3 Page - Abracon Corporation

  AB-RTC-XB-32.768KHZ-2 Datasheet HTML 1Page - Abracon Corporation AB-RTC-XB-32.768KHZ-2 Datasheet HTML 2Page - Abracon Corporation AB-RTC-XB-32.768KHZ-2 Datasheet HTML 3Page - Abracon Corporation AB-RTC-XB-32.768KHZ-2 Datasheet HTML 4Page - Abracon Corporation AB-RTC-XB-32.768KHZ-2 Datasheet HTML 5Page - Abracon Corporation AB-RTC-XB-32.768KHZ-2 Datasheet HTML 6Page - Abracon Corporation AB-RTC-XB-32.768KHZ-2 Datasheet HTML 7Page - Abracon Corporation AB-RTC-XB-32.768KHZ-2 Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AB-RTC-XB-32.768kHz-2
Real Time Clock Module with I2C Bus
Revision:
Initial Release 12/10/2024
Page 3
Disclaimer
lign
Check Inventory
R
t S
l
lign
Request Samples
Note 1: To apply Min. value of VDD, VDD needs to be supplied with more than 2.5V at least for the oscillation to stabilize (oscillation start time tSTA). Please ensure
that force the power to VDD rather than VBAT when first power on.
Note 2: Ensure that the power on time from 0 to VDD is less than 100ms
IDD2
3.4
7.8
uA
SCL=SDA = ‘H’,
FOUT=32.768kHz (FOUT pin
CL=15pF), INT=OFF,
VDD=VIO=3.0V, CHGEN=0b or
VBAT
≧VDET3,-40℃~85℃
IDD3
1.0
5.0
uA
SCL, SDA = ‘L’,
VBAT=3.0V, VDD=VIO=0V, -
40℃~+85℃
I2C clock signal (pad 2)
SCL
Input voltage high-level
VIH
0.8*VIO
5.5
V
Input voltage low-level
VIL
GND-0.3
0.2*VIO
V
I2C data signal (pad 3)
SDA
Input voltage high-level
VIH
0.8*VIO
5.5
V
Input voltage low-level
VIL
GND-0.3
0.2*VIO
V
Output voltage Low-level
VOL
GND
GND+0.4
V
Frequency Output (pad 4)
FOUT
Output voltage high-level
VOH
VIO-0.5
VIO
V
IOH=-1mA
Output voltage low-level
VOL
GND
GND+0.5
V
IOL=1mA
Reset signal output (pad 5)
RST
Output voltage low-level
VOL
GND
GND+0.25
V
VIO=5.0V,IOL-1mA
Intterupt output (pad 6)
INT
Output voltage low-level
VOL
GND
GND+0.4
V
VIO=3.0V,IOL-1mA
Internal voltage output (pad 9)
VOUT
VOUT output voltage1
VOUT1
VDD-0.06V
V
VDD=3.0V,IOUT=1mA
VOUT output voltage2
VOUT2
VBAT-0.02V
V
VBAT=3.0V,IOUT=0.1mA
Parameters
Symbol
Min.
Typ.
Max.
Units
Notes
Start condition setup time[Note 1]
tHD;STA
0.6
us
Start condition hold time[Note 1]
tSU;STA
0.6
us
Stop condition setup time
tSU;STO
0.6
us
Bus idle time between start
condition and stop condition
tRCV
1.3
us
Data setup time
tSU;DAT
100
ns
Data hold time
tHD;DAT
0
ns
I2C clock signal (pad 2)
SCL
SCL clock frequency
fSCL
400
kHz
AC Characteristics (Unless otherwise specified, GND =0V, VIO =1.6V ~ 5.5V; Ta=-40
℃~+85℃)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com