Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AB-RTC-XB-32.768KHZ-2 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AB-RTC-XB-32.768KHZ-2
Description  Real Time Clock Module with I2C Bus
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTC-XB-32.768KHZ-2 Datasheet(HTML) 2 Page - Abracon Corporation

  AB-RTC-XB-32.768KHZ-2 Datasheet HTML 1Page - Abracon Corporation AB-RTC-XB-32.768KHZ-2 Datasheet HTML 2Page - Abracon Corporation AB-RTC-XB-32.768KHZ-2 Datasheet HTML 3Page - Abracon Corporation AB-RTC-XB-32.768KHZ-2 Datasheet HTML 4Page - Abracon Corporation AB-RTC-XB-32.768KHZ-2 Datasheet HTML 5Page - Abracon Corporation AB-RTC-XB-32.768KHZ-2 Datasheet HTML 6Page - Abracon Corporation AB-RTC-XB-32.768KHZ-2 Datasheet HTML 7Page - Abracon Corporation AB-RTC-XB-32.768KHZ-2 Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AB-RTC-XB-32.768kHz-2
Real Time Clock Module with I2C Bus
Revision:
Initial Release 12/10/2024
Page 2
Disclaimer
lign
Check Inventory
R
t S
l
lign
Request Samples
Parameters
Symbol
Min.
Typ.
Max.
Units
Notes
Frequency tolerance
∆f1/f
5
±23
ppm
VDD=3.0V;@25℃
Frequency stability
∆f2/f
-120
+10
ppm
VDD=3.0V, -20℃ to
+70℃,Reference
Frequency at 25℃
Oscillation start time
tSTA
1
s
VDD=2.5V-5.5V
Year Aging
fa
±5
ppm
FOUT duty cycle
tw/t
40
50
60
%
Parameters
Symbol
Min.
Typ.
Max.
Units
Notes
Power Supply (pad 8)[Note 1,2]
VDD
1.2
3.0
5.5
V
Interface voltage (pad 1)
VIO
1.6
3.0
5.5
V
If INIEN = 1,VDD<VDET1, the
interface is disable.
Backup Battery (pad 10)
VBAT
1.2
3.0
5.5
V
VDD Detect Voltage
-VDET2
1.2
1.44
1.68
V
Exchange voltage:VDD to VBAT
Operating Temperature
TOPR
-40
25
85
℃
Current consumption
IDD1
0.9
5.6
uA
SCL=SDA = ‘High’, FOUT=OFF,
INT=OFF,
VDD=VIO=3.0V,CHGEN=0b or
VBAT
≧VDET3,-40℃~85℃
Frequency Characteristics (Unless otherwise specified, GND=0V, Ta=-40
℃~+85℃)
DC Characteristics (Unless otherwise specified, GND=0V, VBAT=VDD=1.2~5.5V, VIO=1.6V ~5.5V, Ta=-40
℃~+85℃)
Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com