Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AB-RTC-XB-32.768KHZ-2 Datasheet(PDF) 5 Page - Abracon Corporation

Part # AB-RTC-XB-32.768KHZ-2
Description  Real Time Clock Module with I2C Bus
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTC-XB-32.768KHZ-2 Datasheet(HTML) 5 Page - Abracon Corporation

  AB-RTC-XB-32.768KHZ-2 Datasheet HTML 1Page - Abracon Corporation AB-RTC-XB-32.768KHZ-2 Datasheet HTML 2Page - Abracon Corporation AB-RTC-XB-32.768KHZ-2 Datasheet HTML 3Page - Abracon Corporation AB-RTC-XB-32.768KHZ-2 Datasheet HTML 4Page - Abracon Corporation AB-RTC-XB-32.768KHZ-2 Datasheet HTML 5Page - Abracon Corporation AB-RTC-XB-32.768KHZ-2 Datasheet HTML 6Page - Abracon Corporation AB-RTC-XB-32.768KHZ-2 Datasheet HTML 7Page - Abracon Corporation AB-RTC-XB-32.768KHZ-2 Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AB-RTC-XB-32.768kHz-2
Real Time Clock Module with I2C Bus
Revision:
Initial Release 12/10/2024
Page 5
Disclaimer
lign
Check Inventory
R
t S
l
lign
Request Samples
Pad #
Function
Description
1
VIO
Interface power supply pin.
2
SCL
I2C clock signal
3
SDA
I2C data signal
4
FOUT
Frequency output. Frequency can be set by FSEL bits.
5
/RST
Reset signal output. After the VDD pressure drop is
detected, the pin outputs a negative pulse.
6
/INT
Timing event interrupt output. Open-Drain.
7
GND
Ground
8
VDD
Power supply
9
VOUT
Internal voltage output pin. Connect capacitor of
1.0uF to Ground
10
VBAT
Backup battery pin. VBAT cannot floating, connect
to large-capacity capacitors or a backup battery.
Connect to VDDwhen switchover function is not
necessary.
Note: VBAT cannot floating, connect to large-capacity capacitors or a backup battery.
Connect to VDD when switchover function is not necessary.
Note: A 0.1μF bypass capacitor is needed at least between power supply pins and GND pin.
Note: Input pins regardless of VIO applied voltage. It is able to input up to 5.5V.
Note: Open drain pins regardless of VIO applied voltage. It is able to Pull-up to 5.5V
Note: When not in use, take the FOUT, /RST, /INT terminals as OPEN.
Mechanical Dimensions
Dimensions: inches[mm]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com