Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCHRACK MSR/T75 Datasheet(PDF) 20 Page - TE Connectivity Ltd

Part # SCHRACK MSR/T75
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SCHRACK MSR/T75 Datasheet(HTML) 20 Page - TE Connectivity Ltd

Back Button SCHRACK MSR/T75 Datasheet HTML 16Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 17Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 18Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 19Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 20Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 21Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 22Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 23Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 24Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Panel Plug-In Relays
Relays, Contactors & Circuit Breakers
.626
(15.90)
.328
(8.33)
.437
(11.10)
.875
(22.23)
.076 DIA. TYP.
(1.93)
.206
(5.23)
1.406 MAX.
(35.71)
1.531 MAX.
(38.89)
1
2
3
4
5
6
7
8
9
A
B
2.156 MAX.
(54.76)
.281 REF.
(7.14)
.626
(15.90)
.328
(8.33)
.875
(22.23)
.076 DIA. TYP.
(1.93)
.206
(5.23)
INDUSTRIAL /// QUICK REFERENCE GUIDE INDUSTRIAL RELAYS
Potter & Brumfield KUGP
3mm contact gap
DC or AC coil
Plug-in version, PCB terminals or
chassis mount
Potter & Brumfield KUL
Magnetic latching
Single and dual coils
Panel mounting
Potter & Brumfield KUEP
10A relay with various contact
arrangements
Magnetic blowout for 150VDC load
switching
Indicator lamp option
Applications
Voltage control units
Alarm systems
Machine tools
Battery chargers
DC load switvhing in industrial
controls
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Contact material
Min. recommended
contact load
1 form C (1 CO)
2 form A (2 NO)
2 form C (2 CO)
3 form C (3 CO)
240/400VAC
10A
2400VA
Ag, AgCdO
100mA at 12VDC (Ag)
300mA at 12VDC (AgCdO)
1 form C (1 CO)
2 form C (2 CO)
3 form C (3 CO)
28/240VAC
10A
Ag, AgCdO
100mA at 12VDC (Ag)
300mA at 12VDC (AgCdO)
1 form X (NO-DM)
2 form A (2 NO)
2 form C (2 CO)
150VDC/240VAC
10A
1500W/2400VA
AgCdO, AgSnOInO
300mA at 12VDC
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC, AC
6-110VDC/6-240VAC
1.8W/2.7VA
DC, AC
12 to 48VDC/24 to 120/240VAC
1.6W dual coil/1.2W single coil
DC, AC
5 to 110VDC/6 to 240VAC
1.2W to 1.8W/2 to 2.7VA
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Clearance/creepage
between contact and coil
3500Vrms
2200Vrms
2200Vrms
>8mm
500Vrms
1500Vrms
1500Vrms
Visit
TE.com for more information
1200Vrms
2200Vrms
2200Vrms
Visit
TE.com for more information
Other Data
Ambient temperature (max.)
Category of environmental
protection IEC61810
Terminal type
Mounting
Dimensions (lwh)
DC +75°C
AC +70°C
RTI
THT, Plug-in, solder, Quick connect,
PCB
Socket, PCB, bracket, flange mount
38.9x35.7x48.4mm
DC +70°C
AC +50/+70°C
RTI
.187 Quick connect, solder
Socket, bracket
38.9x35.7x54.8mm
AC +55/+70°C
DC +50/+70°C
RTI
Quick connect, solder and PCB
Socket, PCB, bracket and top flange
mount
38.9x35.7x48.4mm
Accessories
DIN rail and PCB sockets, clips
Screw, solder, PCB and Quick
connect sockets and clips
DIN rail, track mount, chassis
mount, and snap-in sockets, clips
Link to datasheet
Potter & Brumfield KUGP
Potter & Brumfield KUL
Potter & Brumfield KUEP
Key Features
Footprint
2) see footnote below
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com