Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCHRACK MSR/T75 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # SCHRACK MSR/T75
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SCHRACK MSR/T75 Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button SCHRACK MSR/T75 Datasheet HTML 3Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 4Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 5Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 6Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 7Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 8Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 9Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 10Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 11Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
PAGE 7
Power PCB Relays up to 16A
Relays, Contactors & Circuit Breakers
SCHRACK RZ
High performance version available
Reinforced insulation
High ambient temperature version
(105°C)
WG type available (IEC 60335-1)
AgNi and AgSnO contact versions
THR (reflow) version
SCHRACK RT
DC and AC coil
Mono-or bistable coil
Reinforced insulation
WG type available (IEC 60335-1)
High ambient temperature version
(105°C)
THR (reflow) version
Sensitive version
Bifurcated contacts
SCHRACK RT INRUSH
For inrush peak currents up to 80A
Mono-or bistable coil
Reinforced insulation
WG type available (IEC 60335-1)
Applications
Household appliances
HVAC, Home automation
Machine control, Energy control
HVAC, Home automation,
Machine control, Energy control
Switching cabinet, Interface modules
Lighting applications, Movement
detectors, Motors control,
Domestic appliances
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Contact material
Min. recommended
contact load
1 form C (CO)
1 form A (NO)
250VAC
16A
4000VA
AgNi90/10, AgSnO
2
1) see footnote below
1 form C (CO), 1 from A (NO)
2 form C (CO), 2 form A (NO)
250VAC
2X8/16A
2X2000/4000VA
AgNi90/10, AgSnO
2
1) see footnote below
1 form C (CO)
1 from A (NO)
250VAC
16A
4000VA
AgNi90/10, AgSnO
2
1) see footnote below
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC
5 to 48VDC
400mW
DC, AC, bistable
5 to 110VDC/24 to 230VAC
400mW/0.75VA
DC, bistable
5 to 11VDC
400mW
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Clearance/creepage
between contact and coil
1000Vrms
5000Vrms
>10/10mm
1000Vrms
5000Vrms
2500Vrms
>10/10mm
1000Vrms
5000Vrms
>10/10mm
Other Data
Ambient temperature (max.)
Category of environmental
protection IEC61810
Terminal type
Mounting
Dimensions (lwh)
+85°C
+105°C (HOT type)
+70°C (transparent cover type)
RTII, RTIII
THT
PCB
29x12.7x15.7mm
+75°C (AC type)
+85°C
RTII, RTIII
THT, THR (DC and AC type)
PCB or on socket
29x12.7x15.7mm
+85°C
RTII
THT
PCB or socket
29x12.7x15.7mm
Accessories
PCB and DIN rail sockets
Link to datasheet
SCHRACK RZ
SCHRACK RT
SCHRACK RT INRUSH
Key Features
Footprint
2) see footnote below
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com