Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCHRACK MSR/T75 Datasheet(PDF) 25 Page - TE Connectivity Ltd

Part # SCHRACK MSR/T75
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SCHRACK MSR/T75 Datasheet(HTML) 25 Page - TE Connectivity Ltd

Back Button SCHRACK MSR/T75 Datasheet HTML 21Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 22Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 23Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 24Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 25Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 26Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 27Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 28Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 29Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
PAGE 25
PAGE 25
Signal Relays
Relays, Contactors & Circuit Breakers
Key Features
Footprint
Axicom MT2
2G telecom/signal relay
5 coil sensitivities
2A UL rating
Axicom P1 V23026
Very high sensitive relay
Low-profile
High vibration and shock resistance
Version: symmetric pin layout
Temperature range up to 85°C
1500Vrms across opened contacts
Key Features
Footprint
2) see footnote below
Applications
Communication equipment
Linecard application
Measurement and control equipment
Automotive equipment
CAN bus
Imobilizer
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Min. recommended contact load
Initial contact resistance
2 form C, 2 CO
Bifurcated contacts
250VAC/220VDC
2A
60W/62.5VA
100µV/1µA
<70mΩ
1 form C, 1 CO
Bifurcated contacts
150VAC/125VDC
1A
30W/60VA
100µV/1µA
<50mΩ
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC coil/bistable 1 coil/2 coils
Non polarized
3 to 48VDC
150 to 550mW/-/-
Polarized
3 to 24VDC
65 to 130mW/30 to
130mW/70 to 200mW
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Initial surge withstand voltage
between open contacts
between contact and coil
between adjacent contacts
Isolation 100/900MHz
Insertion loss 100/900MHz
Volt. standing wave ratio 100/900MHz
Capacitance
between open contacts
750Vrms
1000Vrms
750Vrms
1500V
1500V
1500V
-31.8/-14.2dB
-0.02/-0.97dB
1.03/1.31
max. 2pF
500Vrms
1500Vrms
2500V
-30.0/-18.0dB
-0.12/-1.90dB
1.06/1.75
max. 5pF
Other Data
Ambient temperature (max.)
Category of environmental protection
Terminal type
Dimension (lwh)
-55 to +85°C
IP67/RTIII
THT
20.2x10x11mm
-40 to +85°C
IP67/RTIII
THT, SMT
13x7.6x6.9mm
Link to datasheet
Axicom MT2
Axicom P1 V23026
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com