Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3230BC3R Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZSSC3230BC3R
Description  Sensor Signal Conditioner IC for Capacitive Sensors
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3230BC3R Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZSSC3230BC3R Datasheet HTML 9Page - Renesas Technology Corp ZSSC3230BC3R Datasheet HTML 10Page - Renesas Technology Corp ZSSC3230BC3R Datasheet HTML 11Page - Renesas Technology Corp ZSSC3230BC3R Datasheet HTML 12Page - Renesas Technology Corp ZSSC3230BC3R Datasheet HTML 13Page - Renesas Technology Corp ZSSC3230BC3R Datasheet HTML 14Page - Renesas Technology Corp ZSSC3230BC3R Datasheet HTML 15Page - Renesas Technology Corp ZSSC3230BC3R Datasheet HTML 16Page - Renesas Technology Corp ZSSC3230BC3R Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
ZSSC3230 Datasheet
R36DS0062ED0100 1.4
Jun 10, 2025
Page 13
© 2025 Renesas Electronics
6.2.1 Differential Mode
The most relevant measurement mode is the Differential Measurement Mode, with CMEAS connected between CC and C0
or CC’ and C0 so that both ends of the capacitor are connected to the ZSSC3230. For electrical connections, see Figure 8.
For the ZSSC3230 for the Differential Measurement Mode, the configuration must be done in the EEPROM for parameter
sensecap_type (bit[15] in memory register 12HEX; see Table 16). When the sensecap_type is 0, the differential mode is
selected, which is the default configuration.
C0
CC
CC
ZSSC3230
Vsup
VDD
VSS
SDA
SCL
RESQ
EOC
C0
CC
CC
ZSSC3230
Vsup
VDD
VSS
SDA
SCL
RESQ
EOC
CC Configuration
CC Configuration
Figure 8. Capacitive Input in Differential Mode
6.2.2 Single-Ended Mode
Another measurement mode is the single ended measurement mode, with CMEAS connected between CC and VSS or CC’
and VSS/ground. In this mode C0 is switched to VSS. In this mode only 1 Pin needs to be directly connected to the IC.
Configuring the ZSSC3230 for Single-Ended Input Mode must be done in the EEPROM via the parameter sensecap_type
(bit[15] in memory register 12HEX; see Table 16
). Since the respective bit is defined as “0” in the default configuration for
Differential Mode, the bit must
be programmed to “1.”
6.2.3 Sensor Leakage Compensation
Sensor leakage compensation is an additional option for Single-Ended Mode to enable the
sensor element’s leakage current
compensation. The leakage current is
caused by the sensor element’s parasitic resistance. Enabling this function via the
sensor_leakage bit[14] in memory register 12HEX leads to loss of dynamic range and a decrease in the SNR. With losing 1-
bit effective resolution on leakage compensation, the respective capacitive input range for CSIGNAL will be doubled compared
to the description in section 6.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com