Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC3230BC3R Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZSSC3230BC3R
Description  Sensor Signal Conditioner IC for Capacitive Sensors
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3230BC3R Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZSSC3230BC3R Datasheet HTML 17Page - Renesas Technology Corp ZSSC3230BC3R Datasheet HTML 18Page - Renesas Technology Corp ZSSC3230BC3R Datasheet HTML 19Page - Renesas Technology Corp ZSSC3230BC3R Datasheet HTML 20Page - Renesas Technology Corp ZSSC3230BC3R Datasheet HTML 21Page - Renesas Technology Corp ZSSC3230BC3R Datasheet HTML 22Page - Renesas Technology Corp ZSSC3230BC3R Datasheet HTML 23Page - Renesas Technology Corp ZSSC3230BC3R Datasheet HTML 24Page - Renesas Technology Corp ZSSC3230BC3R Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
ZSSC3230 Datasheet
R36DS0062ED0100 1.4
Jun 10, 2025
Page 21
© 2025 Renesas Electronics
▪ Bit 2 shows whether there has been a memory integrity/error as indicated by whether the checksum-based integrity
check passed or failed: 0 if the integrity test passed; 1 if the test failed.
▪ Bit 1 shows whether there has been an ADC overflow, which is detected if the raw ADC-output value for capacitive
measurement exceeded the nominal, digital ADC-output range, depending on the selected ADC resolution. This
check is only for the raw results for the capacitive measurement.
▪ Bit 0 shows the status Information regarding ALU saturation. If the last executed command was a measurement
request, this bit is 0 if any intermediate value and the final SSC result are in a valid range and no SSC-calculation
internal saturation occurred. If the last command was a measurement request, this bit is 1 if an SSC-calculation
internal saturation occurred. This bit is also 0 for any non-measurement command.
Table 10. Mode Status
Status[4:3]
Mode
00
Normal Operation Mode (sleep and cyclic operations)
01
Command Mode
10
Renesas Reserved for Test Mode
11
Renesas Reserved
The I2C interface is compliant with the NXP I2C Bus Specification, Rev. 06 (UM10204, 4 April 2014). All modes up to High
Speed Mode are supported. Slave address codes 04HEX to 07HEX must not be programmed to the ZSSC3230 since they are
exclusively used for the High Speed Mode. The ZS SC3230 will support 7 bit addressing only.
In I2C Mode, each command is started as shown in Figure 15. Only the number of bytes that are needed for the command
must be sent. An exception is the I2C High Speed Mode where 3 bytes must always be sent. After the execution of a
command (busy = 0), the expected data can be read as illustrated in Figure 16 or if no data are returned by the command,
the next command can be sent. The status can be read at any time as described in Figure 17.
S
SlaveAddr
A
0
Command
A P
S
SlaveAddr
0 A
Command
A
CmdDat
<15:8>
A
CmdDat
<7:0>
A P
Command Request (I2C Write)
write
write
from master to slave
from slave to master
S
START condition
P
STOP condition
A
N
acknowledge
not acknowledge
Figure 15. I2C Command Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com