Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8013AEVAL2Z Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL8013AEVAL2Z
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8013AEVAL2Z Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL8013AEVAL2Z Datasheet HTML 10Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 11Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 12Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 13Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 14Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 15Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 16Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 17Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ISL8013A
FN7526 Rev 2.01
Page 14 of 17
Dec 3, 2021
PG
During power-up, the open-drain power-good output holds low for
about 1ms after VOUT reaches the regulation voltage. The PG
output also serves as a 1ms delayed the power-good signal when
the pull-up resistor R1 is installed.
UVLO
When the input voltage is below the undervoltage lockout (UVLO)
threshold, the regulator is disabled. To adjust the voltage level of
power on and UVLO, use a resistive divider across EN. The input
voltage programming resistor R4 will depend on the bottom
resistor R5, as referred to in Figure 37. The value of R5 is typically
between 10kΩ and 100kΩ.
Soft Start-up
The soft start-up reduces the in-rush current during the start-up.
The soft-start block outputs a ramp reference to the input of the
error amplifier. This voltage ramp limits the inductor current as
well as the output voltage speed so that the output voltage rises
in a controlled fashion. When VFB is less than 0.2V at the
beginning of the soft-start, the switching frequency is reduced to
1/3 of the nominal value so that the output can start-up
smoothly at light load condition. During soft-start, the IC operates
in the SKIP mode to support prebiased output conditions.
Enable
The enable (EN) input allows the user to control the turning on or
off the regulator for purposes such as power-up sequencing.
When the regulator is enabled, there is typically a 600µs delay
for waking up the bandgap reference and then the soft-start-up
begins. It is recommended that the EN voltage should be kept
logic low (less than 400mV), until VIN reaches 2.5V. Refer to
Figures 37 and 38 for suggested circuit implementation with VIN
slew rate.
Let T equal the rise time of VIN. Select the ratio of R5 and R4
such that the voltage is 1.4V (minimum enable logic high
threshold) when VIN is equal to or greater than 2.5V. Set R5
between 10kΩ to 100kΩ, and use Equation 1 to determine R4:
Where VIN is greater than or equal to 2.5V.
Then select C such that the equivalent time constant is at least
2x the rise time, T. This will delay the EN voltage enough so that
the overall EN voltage is less than 400mV by the time VIN
reaches 2.5V. Use Equation 2 to get C:
Where T is the rise time of VIN
As an example, let VIN = 5V with rise time, T = 10ms. Then
R4 = 56.2kΩ, R5 = 71.5kΩ, and C = 0.68µF are used to insure
that VIN was >2.5V and the EN voltage was <400mV.
Discharge Mode (Soft-Stop)
When a transition to shutdown mode occurs or the VIN UVLO is
set, the outputs discharge to GND through an internal 100Ω
switch.
Power MOSFETs
The power MOSFETs are optimized for best efficiency. The
ON-resistance for the P-MOSFET is typically 50mΩ and the
ON-resistance for the N-MOSFET is typically 50mΩ.
100% Duty Cycle
The ISL8013A features 100% duty cycle operation to maximize
the battery life. When the battery voltage drops to a level that the
ISL8013A can no longer maintain the regulation at the output,
the regulator completely turns on the P-MOSFET. The maximum
dropout voltage under the 100% duty-cycle operation is the
product of the load current and the ON-resistance of the
P-MOSFET.
Thermal Shutdown
The ISL8013A has built-in thermal protection. When the internal
temperature reaches +140°C, the regulator is completely shut
down. As the temperature drops to +115°C, the ISL8013A
resumes operation by stepping through the soft-start.
R4
R5
1V
EN
VIN
FIGURE 37. EXTERNAL RESISTOR DIVIDER
C
FIGURE 38. CIRCUIT IMPLEMENTATION WITH VIN SLEW RATE
VIN
EN
<400mV
2.5V
T
t (TIME)
R4
R5 VIN 1.4V
–

1.4V
---------------------------------------------
=
(EQ. 1)
C
2T
R4 R5

--------------------
(EQ. 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com