Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8013AEVAL2Z Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL8013AEVAL2Z
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8013AEVAL2Z Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL8013AEVAL2Z Datasheet HTML 10Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 11Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 12Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 13Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 14Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 15Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 16Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 17Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
ISL8013A
FN7526 Rev 2.01
Page 16 of 17
Dec 3, 2021
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make sure you
have the latest Rev.
DATE
REVISION
CHANGE
Dec 3, 2021
2.01
Removed About Intersil section.
Updated Ordering Information table format and notes.
Updated Pin 6 description.
Nov 17, 2014
2.00
Added more information to section “Enable” on page 14.
Added more information to section “UVLO” on page 14.
Jul 24, 2014
1.00
Converted to new datasheet template.
Updated Tape & Reel note in “Ordering Information” table from "Add “-T” suffix for tape and reel." to new
standard "Add “-T*” suffix for tape and reel." The "*" covers all possible tape and reel options.
Added Evaluation board information to the Ordering Information table.
Replaced Figure 6 on page 7, Figure 7 on page 7 and Figure 11 on page 8 with the new data curves.
Removed Figure 9 (POWER DISSIPATION WITH NO LOAD vs VIN (PFM VOUT = 1.8V).
Nov 25, 2009
0.00
Initial Release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com