Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPC950 Datasheet(PDF) 3 Page - Axiomtek Co., Ltd.

Part # IPC950
Description  Fanless Industrial System with Intel® Core™ Processor i7 Processor and Front Access I/O
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IPC950 Datasheet(HTML) 3 Page - Axiomtek Co., Ltd.

  IPC950 Datasheet HTML 1Page - Axiomtek Co., Ltd. IPC950 Datasheet HTML 2Page - Axiomtek Co., Ltd. IPC950 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2024 Axiomtek Co., Ltd. All rights reserved.
www.axiomtek.com
Dimensions
Power Protection
DC Version
OVP (over voltage protection)
OCP (over current protection)
Reverse Protection
Packing List
1 x IPC950 unit
1 x Screw pack
1 x Terminal block
1 x Remote power switch cable
3 x Antenna isolated washer
Model: IPC950-11i7-F5
69.5 mm
230 mm
235 mm
Updated Dec. 10, 2024.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com