Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPC950 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # IPC950
Description  Fanless Industrial System with Intel® Core™ Processor i7 Processor and Front Access I/O
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IPC950 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  IPC950 Datasheet HTML 1Page - Axiomtek Co., Ltd. IPC950 Datasheet HTML 2Page - Axiomtek Co., Ltd. IPC950 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
* All specifications and photos are subject to change without notice.
Industrial Systems
9
Storage
1 x 2.5" HDD/SSD bay (7/9.5 mm height)
1 x M.2 Key B+M 2280 socket (SATA interface) for SSD
System Indicators
1 x CPU status LED
1 x Programmable (GPIO) LED
1 x HDD/SSD access LED
1 x Power LED
Power Input
Type: ATX/AT
Input: 24 VDC (uMin=19V/uMax=30V)
Operating Temperature -20°C to +50°C (-4°F to +122°F) with W.T. SSD
Storage Temperature
-40°C to +70°C (-40°F to +158°F)
Relative Humidity
10% to 95% (non-condensing)
Dimensions
69.5 mm (2.73") (W) x 225 mm (8.85") (H) x 230 mm (9") (D)
Weight (net/gross)
4 kg/6 kg
Certifications
CE (EN 61000-6-4/EN 61000-6-2), FCC
OS Support
Win 10, Win 11, Win 10 IoT, Win 11 IoT, Linux OS
System
IPC950-11i7-F5
(P/N: E26G950101)
Fanless industrial system with Intel® Core™ i7-1185G7E and blank flexible I/O; without Axiomtek logo
IPC950-11i7-F5E1
(P/N: E26G950105)
Fanless industrial system with Intel® Core™ i7-1185G7E, blank flexible I/O, and 1 PCIe x4 slot; without Axiomtek logo
Optional Flexible System I/O Module
AX93511
(P/N: E29R127111)
4 x RS-232/422/485 module (default RS-232)
AX93512
(P/N: E29R127112)
2 x RS-232/422/485 with isolated 1.5kVDC & 8-in/8-out with isolated 1.5kVDC DIO module (support by project)
AX93516
(P/N: E29R127113)
4 x RS-232/422/485 with isolated 2kVDC module (support by project)
AX93519
(P/N: E29R127114)
1 x 10/100/1000 Mbps Ethernet (Intel® I210-AT), 2 x RS-232/422/485, and 2 x USB 2.0 module
Optional
2.5” SATA HDD/SSD
M.2 Key B+M 2280 (SATA) SSD
DDR4-3200 MT/s un-buffered SO-DIMM, up to 64GB
E29R127106
DIN-rail mounting kit for IPC950 system
E29R127107
DIN-rail mounting kit for IPC950 with PCIe x4 slot system (support by project)
E29R127108
Bookshelf mounting kit for IPC950 system (support by project)
E29R127109
Bookshelf mounting kit for IPC950 with PCIe x4 slot system (support by project)
E29R127110
Wall mounting kit for IPC950 and IPC950 with PCIe x4 slot system
59492350700E
Power cable for AX92320
509000001500
Adaptor 24V/120W, wire only
Ordering Information
Specifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com