Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPC950 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # IPC950
Description  Fanless Industrial System with Intel® Core™ Processor i7 Processor and Front Access I/O
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IPC950 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  IPC950 Datasheet HTML 1Page - Axiomtek Co., Ltd. IPC950 Datasheet HTML 2Page - Axiomtek Co., Ltd. IPC950 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2024 Axiomtek Co., Ltd. All rights reserved.
www.axiomtek.com
IPC950
Fanless Industrial System with Intel® Core™ Processor i7 Processor and Front Access I/O
Features
● Intel® Core™ i7 processor (Tiger Lake U), 15W
● Flexible I/O module for additional expansion capabilities
● M.2 Key E socket for wireless connection
● 2 DisplayPort++ connectors
● Supports TPM 2.0
● Supports Intel® AMT
● 1 PCIe x4 slot
● Optional mounting solutions: DIN-rail, bookshelf, and wall
mount
1. 4 x LED
2. RS-232/422/485
3. 3 x LAN
4. Line-out
5. Remote power switch
6. Switch for power on/off
7. 3 x Antenna opening
8. 8-CH DIO
9. Flexible system I/O window
10. 4 x USB 3.1 (10G)
11. 2 x DisplayPort++
12. 3-pin terminal block
13. Ground terminal
14. 1 x PCIe x4 slot
14
6
5
1
7
8
9
10
11
12
13
2
3
4
Standard Color
Silver & black
Construction
Aluminum extrusion heavy-duty cold-rolled steel
Processor
System
CPU Level
Intel® Core™ i7-1185G7E processor (Tiger Lake U), 15W
Chipset
SoC integrated
System Memory
2 x DDR4-3200 MT/s un-buffered SO-DIMM, up to 64GB
System I/O
Ethernet
1 x 10/100/1000/2500 Mbps Ethernet (Intel® I225-LM)
2 x 10/100/1000 Mbps Ethernet (Intel® I210-AT)
Serial
1 x RS-232/422/485 (default RS-232, BIOS selection)
DIO
Programmable 8-CH DIO via 10-pin terminal block, TTL type
USB
4 x USB 3.1 (10G) Type A
1 x Internal USB 2.0 for license key usage, up to 20mm
Display
2 x DisplayPort++ 1.2 4K supporting resolutions up to 4096 x 2160 @60Hz
Audio
1 x Line-out
Others
1 x Switch for power on/off with LED (ATX)
1 x Remote switch
1 x 3-pin terminal block
1 x AT/ATX selectable switch
TPM
TPM 2.0
Expansion Interface
M.2 Key E 2230 socket
SIM
1 x SIM slot
mPCIe
1 x Full-size PCI Express Mini Card slot (USB & PCIe interface)
PCIe
1 x PCIe x4 slot for Axiomtek I/O card
• AX92320: 2/4-port GigE PoE LAN PCI Express card (max. 100W PoE power output)
• AX92321: 4-port/8-port USB 3.0 PCI Express card with 4 independent host controllers
• AX92322: 2-port/4-port GbE LAN PCI Express card
• AX92351: 32-CH isolated digital I/O with digital filter
Specifications
Dual-View
Updated Dec. 10, 2024.


Similar Part No. - IPC950

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPC90N04S5-3R6 INFINEON-IPC90N04S5-3R6 Datasheet
401Kb / 9P
OptiMOS??5 Power-Transistor
Rev. 1.0 2016-12-06
IPC90N04S5L-3R3 INFINEON-IPC90N04S5L-3R3 Datasheet
401Kb / 9P
OptiMOS??5 Power-Transistor
Rev. 1.0 2016-12-15
logo
Axiomtek Co., Ltd.
IPC910H AXIOMTEK-IPC910H Datasheet
578Kb / 2P
4 COM ports
IPC912-211-FL AXIOMTEK-IPC912-211-FL Datasheet
541Kb / 2P
Supports 2 expansion slots
IPC912-211-FL-CAN AXIOMTEK-IPC912-211-FL-CAN Datasheet
544Kb / 2P
Supports CAN Bus module
More results

Similar Description - IPC950

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX730-860-FL AXIOMTEK-EBOX730-860-FL_17 Datasheet
295Kb / 1P
Fanless Embedded System with Intel Core i7/i3 & Celeron Processor
logo
Advantech Co., Ltd.
ARK-5420 ADVANTECH-ARK-5420 Datasheet
1Mb / 2P
Intel 3rd Generation Core i Processor Fanless System with PCIEx4
ITA-5831 ADVANTECH-ITA-5831 Datasheet
806Kb / 2P
Intel 6th Generation Core i Processor Fanless System
PPC-315W-TGL ADVANTECH-PPC-315W-TGL Datasheet
619Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
5-Sep-2022
PPC-321W-TGL ADVANTECH-PPC-321W-TGL Datasheet
566Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
5-Sep-2022
PPC-3151SW ADVANTECH-PPC-3151SW Datasheet
440Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3181SW ADVANTECH-PPC-3181SW Datasheet
430Kb / 2P
18.5 Fanless Panel PC with Intel® Core™ i Processor
1-Aug-2022
PPC-3211SW ADVANTECH-PPC-3211SW Datasheet
444Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
MIC-7420 ADVANTECH-MIC-7420 Datasheet
618Kb / 2P
Rackmount Fanless System with Intel® 6th Gen Core™ i Processor
1-Jun-2021
logo
BCM Advanced Research.
EMS-TGL BCM-EMS-TGL Datasheet
788Kb / 1P
11th Gen Intel® Core™ Processor i7/i5/i3 Fanless Rugged Embedded System
02/08/2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com