Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV2262AMFKB Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV2262AMFKB
Description  Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER POERATIONAL AMPLIFIERS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2262AMFKB Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV2262AMFKB Datasheet HTML 8Page - Texas Instruments TLV2262AMFKB Datasheet HTML 9Page - Texas Instruments TLV2262AMFKB Datasheet HTML 10Page - Texas Instruments TLV2262AMFKB Datasheet HTML 11Page - Texas Instruments TLV2262AMFKB Datasheet HTML 12Page - Texas Instruments TLV2262AMFKB Datasheet HTML 13Page - Texas Instruments TLV2262AMFKB Datasheet HTML 14Page - Texas Instruments TLV2262AMFKB Datasheet HTML 15Page - Texas Instruments TLV2262AMFKB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
TLV225x, TLV225xA
Advanced LinCMOS RAILTORAIL
VERY LOW POWER OPERATIONAL AMPLIFIERS
SLOS185D − FEBRUARY 1997 − REVISED AUGUST 2006
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV2254I electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
TLV2254I
TLV2254AI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
200
1500
200
850
µV
VIO
Input offset voltage
Full range
1750
1000
µV
αVIO
Temperature
coefficient of input
25
°C
0.5
0.5
µV/°C
αVIO
coefficient of input
offset voltage
25 C
to 85
°C
0.5
0.5
µV/°C
Input offset voltage
long-term drift
(see Note 4)
VDD ± = ±2.5 V, VIC = 0,
25
°C
0.003
0.003
µV/mo
VDD ± = ±2.5 V,
VO = 0,
VIC = 0,
RS = 50 Ω
25
°C
0.5
60
0.5
60
IIO
Input offset current
VO = 0,
RS = 50 Ω
−40
°C
to 85
°C
150
150
pA
Full range
1000
1000
25
°C
1
60
1
60
IIB
Input bias current
−40
°C
to 85
°C
150
150
pA
Full range
1000
1000
25
°C
0
− 0.3
0
− 0.3
VICR
Common-mode input
|VIO |≤5 mV,
RS = 50 Ω
25
°C
0
to 4
− 0.3
to 4.2
0
to 4
− 0.3
to 4.2
V
VICR
Common-mode input
voltage range
|VIO | ≤5 mV,
RS = 50 Ω
Full range
0
0
V
voltage range
Full range
0
to 3.5
0
to 3.5
IOH = − 20 µA
25
°C
4.98
4.98
VOH
High-level output
IOH = − 75 µA
25
°C
4.9
4.94
4.9
4.94
V
VOH
High-level output
voltage
IOH = − 75 µA
Full range
4.8
4.8
V
voltage
IOH = − 150 µA
25
°C
4.8
4.88
4.8
4.88
VIC = 2.5 V,
IOL = 50 µA
25
°C
0.01
0.01
VIC = 2.5 V,
IOL = 50 µA
Full range
0.06
0.06
VOL
Low-level output
VIC = 2.5 V,
IOL = 500 µA
25
°C
0.09
0.15
0.09
0.15
V
VOL
Low-level output
voltage
VIC = 2.5 V,
IOL = 500 µA
Full range
0.15
0.15
V
voltage
VIC = 2.5 V,
IOL = 1 mA
25
°C
0.2
0.3
0.2
0.3
VIC = 2.5 V,
IOL = 1 mA
Full range
0.3
0.3
Large-signal
VIC = 2.5 V,
RL = 100 kه
25
°C
100
350
100
350
AVD
Large-signal
differential voltage
VIC = 2.5 V,
VO = 1 V to 4 V
RL = 100 kه
Full range
10
10
V/mV
AVD
differential voltage
amplification
VO = 1 V to 4 V
RL = 1 Mه
25
°C
1700
1700
V/mV
ri(d)
Differential input
resistance
25
°C
1012
1012
Ω
ri(c)
Common-mode input
resistance
25
°C
1012
1012
Ω
ci(c)
Common-mode input
capacitance
f = 10 kHz,
N package
25
°C
8
8
pF
zo
Closed-loop output
impedance
f = 25 kHz,
AV = 10
25
°C
200
200
Ω
CMRR
Common-mode
VIC = 0 to 2.7 V, VO = 2.5 V,
25
°C
70
83
70
83
dB
CMRR
Common-mode
rejection ratio
VIC = 0 to 2.7 V,
RS = 50 Ω
VO = 2.5 V,
Full range
70
70
dB
† Full range is − 40°C to 125°C.
‡ Referenced to 2.5 V
NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com