Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV2262AMFKB Datasheet(PDF) 24 Page - Texas Instruments

Part # TLV2262AMFKB
Description  Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER POERATIONAL AMPLIFIERS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2262AMFKB Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLV2262AMFKB Datasheet HTML 20Page - Texas Instruments TLV2262AMFKB Datasheet HTML 21Page - Texas Instruments TLV2262AMFKB Datasheet HTML 22Page - Texas Instruments TLV2262AMFKB Datasheet HTML 23Page - Texas Instruments TLV2262AMFKB Datasheet HTML 24Page - Texas Instruments TLV2262AMFKB Datasheet HTML 25Page - Texas Instruments TLV2262AMFKB Datasheet HTML 26Page - Texas Instruments TLV2262AMFKB Datasheet HTML 27Page - Texas Instruments TLV2262AMFKB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
TLV225x, TLV225xA
Advanced LinCMOS RAILTORAIL
VERY LOW POWER OPERATIONAL AMPLIFIERS
SLOS185D − FEBRUARY 1997 − REVISED AUGUST 2006
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
INPUT OFFSET VOLTAGE†
vs
COMMON-MODE INPUT VOLTAGE
VIC − Common-Mode Input Voltage − V
1
0.8
0.6
0.4
0.2
0
− 0.2
− 0.4
− 0.6
− 0.8
−1
−1
0
1
2
VDD = 3 V
RS = 50 Ω
TA = 25°C
3
Figure 7
INPUT OFFSET VOLTAGE†
vs
COMMON-MODE INPUT VOLTAGE
VIC − Common-Mode Input Voltage − V
1
0.8
0.6
0.4
0.2
0
− 0.2
− 0.4
− 0.6
− 0.8
−1
− 1
01
23
4
5
VDD = 5 V
RS = 50 Ω
TA = 25°C
Figure 8
DISTRIBUTION OF TLV2252 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT †
αVIO − Temperature Coefficient − µV/°C
15
10
5
0
20
25
−2
−1
0
1
2
62 Amplifiers From 1 Wafer Lot
VDD± = ±1.5 V
P Package
TA = 25°C to 85°C
Figure 9
DISTRIBUTION OF TLV2252 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT †
αVIO − Temperature Coefficient − µV/°C
15
10
5
0
20
25
−2
−1
0
1
2
62 Amplifiers From 1 Wafer Lot
VDD± = ±2.5 V
P Package
TA = 25°C to 85°C
† For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com