Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV2262AMFKB Datasheet(PDF) 19 Page - Texas Instruments

Part # TLV2262AMFKB
Description  Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER POERATIONAL AMPLIFIERS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2262AMFKB Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV2262AMFKB Datasheet HTML 15Page - Texas Instruments TLV2262AMFKB Datasheet HTML 16Page - Texas Instruments TLV2262AMFKB Datasheet HTML 17Page - Texas Instruments TLV2262AMFKB Datasheet HTML 18Page - Texas Instruments TLV2262AMFKB Datasheet HTML 19Page - Texas Instruments TLV2262AMFKB Datasheet HTML 20Page - Texas Instruments TLV2262AMFKB Datasheet HTML 21Page - Texas Instruments TLV2262AMFKB Datasheet HTML 22Page - Texas Instruments TLV2262AMFKB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
TLV225x, TLV225xA
Advanced LinCMOS RAILTORAIL
VERY LOW POWER OPERATIONAL AMPLIFIERS
SLOS185D − FEBRUARY 1997 − REVISED AUGUST 2006
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV2254Q, and TLV2254M electrical characteristics at specified free-air temperature, VDD = 3 V
(unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
TA†
TLV2254Q,
TLV2254M
TLV2254AQ,
TLV2254AM
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IDD
Supply current
VO = 1.5 V,
No load
25
°C
135
250
135
250
µA
IDD
Supply current
(four amplifiers)
VO = 1.5 V,
No load
Full range
300
300
µA
† Full range is − 40°C to 125°C for Q level part, −55°C to 125°C for M level part.
TLV2254Q, and TLV2254M operating characteristics at specified free-air temperature, VDD = 3 V
PARAMETER
TEST CONDITIONS
TA†
TLV2254Q,
TLV2254M
TLV2254AQ,
TLV2254AM
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VO = 0.5 V to 1.7 V,
RL = 100 kه,
25
°C
0.07
0.1
0.07
0.1
V/
µs
SR
Slew rate at unity gain
RL = 100 kه,
CL = 100 pF‡
Full range
0.05
0.05
V/
µs
L
CL = 100 pF‡
Full range
0.05
0.05
Vn
Equivalent input noise voltage
f = 10 Hz
25
°C
35
35
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
19
19
nV/
√Hz
VN(PP)
Peak-to-peak equivalent input
f = 0.1 Hz to 1 Hz
25
°C
0.6
0.6
V
VN(PP)
Peak-to-peak equivalent input
noise voltage
f = 0.1 Hz to 10 Hz
25
°C
1.1
1.1
µV
In
Equivalent input noise current
25
°C
0.6
0.6
fA /
√Hz
Gain-bandwidth product
f = 1 kHz,
RL = 50 kΩ ‡,
25
°C
0.187
0.187
MHz
Gain-bandwidth product
RL = 50 kΩ ‡,
CL = 100 pF ‡
25
°C
0.187
0.187
MHz
BOM
Maximum output-swing
VO(PP) = 1 V,
AV = 1,
‡
25
°C
60
60
kHz
BOM
Maximum output-swing
bandwidth
AV = 1,
RL = 50 kه,
CL = 100 pF ‡
25
°C
60
60
kHz
φm
Phase margin at unity gain
RL = 50 kه,
‡
25
°C
63
°
63
°
Gain margin
RL = 50 kه,
CL = 100 pF ‡
25
°C
15
15
dB
† Full range is − 40°C to 125°C for Q level part, −55°C to 125°C for M level part.
‡ Referenced to 1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com