Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPLCG81-2S Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SPLCG81-2S
Description  Laser Diode in offener Bauform 2.0 W cw (C-Mount)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLCG81-2S Datasheet(HTML) 3 Page - OSRAM GmbH

  SPLCG81-2S Datasheet HTML 1Page - OSRAM GmbH SPLCG81-2S Datasheet HTML 2Page - OSRAM GmbH SPLCG81-2S Datasheet HTML 3Page - OSRAM GmbH SPLCG81-2S Datasheet HTML 4Page - OSRAM GmbH SPLCG81-2S Datasheet HTML 5Page - OSRAM GmbH SPLCG81-2S Datasheet HTML 6Page - OSRAM GmbH SPLCG81-2S Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPL CG81-2S
2007-04-13
3
Dioden Kennwerte (
T
A = 25 °C)
Diode Characteristics
Parameter
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
min.
typ.
max.
Zentrale Emissionswellenlänge
1)
Emission wavelength
1)
λ
peak
805
808
811
nm
Spektrale Breite (Halbwertsbreite)
1)
Spectral width (FWHM)
1)
∆λ
3.00
nm
Opt. Ausgangsleistung im Betriebspunkt
2)
Output power
2)
P
op
2.00
W
Differentielle Effizienz
2)
Differential efficiency
2)
η
1.00
1.15
W/A
Gesamter Konversionswirkungsgrad @
P
op
Total conversion efficiency @
P
op
η
tot
45
48
%
Schwellstrom
Threshold current
I
th
0.50
0.60
0.70
A
Betriebsstrom
1)
Operating current
1)
I
op
2.35
2.60
A
Betriebsspannung
1)4)
Operating voltage
1)4)
V
op
1.70
1.90
2.10
V
Differentieller Serienwiderstand
Differential series resistance
R
s
0.15
0.25
Kontaktbreite
Contact width
w
200
µm
Strahldivergenz (Halbwertsbreite)
Beam divergence (FWHM)
θ
|| × θ
× 38° 10° × 42° Grad
deg.
Strahldivergenz (1/e²)
Beam divergence (1/e²)
θ
|| × θ
× 65° 12° × 70° Grad
deg.
Charakteristische Temperatur (Schwelle)
3)
Characteristic temperature (threshold)
3)
T
0
140
K
Temperaturkoeffizient des Betriebsstroms
Temperature coefficient of operating current
I
op / IopT
0.50
%/K
Temperaturkoeffizient der Wellenlänge
4)
Temperature coefficient of wavelength
4)
∂λ/∂T
0.30
nm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com