Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LBY87S Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LBY87S
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBY87S Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LBY87S Datasheet HTML 3Page - OSRAM GmbH LBY87S Datasheet HTML 4Page - OSRAM GmbH LBY87S Datasheet HTML 5Page - OSRAM GmbH LBY87S Datasheet HTML 6Page - OSRAM GmbH LBY87S Datasheet HTML 7Page - OSRAM GmbH LBY87S Datasheet HTML 8Page - OSRAM GmbH LBY87S Datasheet HTML 9Page - OSRAM GmbH LBY87S Datasheet HTML 10Page - OSRAM GmbH LBY87S Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LB Y87S, LT Y87S
2006-04-10
7
Durchlassstrom
2) Seite 16
Forward Current
2)
page 16
I
F = f (VF); TA = 25 °C
Relative Lichtstärke
2) Seite 16
Relative Luminous Intensity
2)
page 16
I
V/IV(25 °C) = f (Tj); IF = 10 mA
Relative Lichtstärke
2) 7) Seite 16
Relative Luminous Intensity
2) 7)
page 16
I
V/IV(10 mA) = f (IF); TA = 25 °C
OHL01499
10
F
V
2.0
V
F
I
3.0
4.0
5.0
10
-1
0
10
10
1
10
2
mA
OHL04870
-60
0
˚C
V (25 ˚C)
I
I
V
-40 -20
0
20 40 60
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
true green
blue
T
j
V
V (10 mA)
OHL01460
F
I
I
I
0
10
10 1
mA 10 2
10
-1
10
0
10
1
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com