Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LBY87S Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LBY87S
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBY87S Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LBY87S Datasheet HTML 4Page - OSRAM GmbH LBY87S Datasheet HTML 5Page - OSRAM GmbH LBY87S Datasheet HTML 6Page - OSRAM GmbH LBY87S Datasheet HTML 7Page - OSRAM GmbH LBY87S Datasheet HTML 8Page - OSRAM GmbH LBY87S Datasheet HTML 9Page - OSRAM GmbH LBY87S Datasheet HTML 10Page - OSRAM GmbH LBY87S Datasheet HTML 11Page - OSRAM GmbH LBY87S Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LB Y87S, LT Y87S
2006-04-10
8
Dominante Wellenlänge
2) Seite 16
Dominant wavelength
2)
page 16
LB;
λ
dom = f (IF); TA = 25 °C
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
LB;
I
F = f (TA)
Dominante Wellenlänge
2) Seite 16
Dominant wavelength
2)
page 16
LT;
λ
dom = f (IF); TA = 25 °C
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
LT;
I
F = f (TA)
I
OHL01535
469.0
dom
λ
0
F
10
20
30
40 mA 50
469.5
470.0
470.5
471.0
472.0
nm
blue
468.5
temp. solder point
40
20
0
T
0
S
100
80
60
˚C
T
I
F
mA
OHL01856
temp. ambient
T
A
T
A
T
S
2
4
6
8
10
12
14
16
20
I
OHL01532
521
dom
λ
0
F
10
20
30
40 mA 50
523
525
527
529
531
533
535
537
nm
true green
539
519
temp. solder point
40
20
0
T
0
S
100
80
60
˚C
T
I
F
mA
OHL01857
temp. ambient
T
A
T
A
T
S
2
4
6
8
10
12
14
16
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com