Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LBY87S Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LBY87S
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBY87S Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LBY87S Datasheet HTML 5Page - OSRAM GmbH LBY87S Datasheet HTML 6Page - OSRAM GmbH LBY87S Datasheet HTML 7Page - OSRAM GmbH LBY87S Datasheet HTML 8Page - OSRAM GmbH LBY87S Datasheet HTML 9Page - OSRAM GmbH LBY87S Datasheet HTML 10Page - OSRAM GmbH LBY87S Datasheet HTML 11Page - OSRAM GmbH LBY87S Datasheet HTML 12Page - OSRAM GmbH LBY87S Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LB Y87S, LT Y87S
2006-04-10
9
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
LB; Duty cycle
D = parameter, T
A= 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
LT; Duty cycle
D = parameter, T
A= 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
LB; Duty cycle
D = parameter, T
A= 85 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
LT; Duty cycle
D = parameter, T
A= 85 °C
OHL01997
10
-5
p
t
F
I
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
t
P
T
=
T
P
t
I
F
0.01
0.05
0.2
0.1
0.005
0.02
0.5
D =
1
0.02
0.04
0.06
0.08
0.10
0.12
0.16
OHL01999
10
-5
p
t
F
I
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
t
P
T
=
T
P
t
I
F
0.01
0.05
0.2
0.1
0.005
0.02
0.5
D =
1
0.02
0.04
0.06
0.08
0.10
0.12
0.16
OHL01998
10
-5
p
t
F
I
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
t
P
T
=
T
P
t
I
F
0.01
0.05
0.2
0.1
0.005
0.02
0.5
D =
1
0.02
0.04
0.06
0.08
0.10
0.12
0.16
OHL02003
10
-5
p
t
F
I
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
t
P
T
=
T
P
t
I
F
0.01
0.05
0.2
0.1
0.005
0.02
0.5
D =
1
0.02
0.04
0.06
0.08
0.10
0.12
0.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com