Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS8136IPHPR.A Datasheet(PDF) 4 Page - Texas Instruments

Part # THS8136IPHPR.A
Description  TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS8136IPHPR.A Datasheet(HTML) 4 Page - Texas Instruments

  THS8136IPHPR.A Datasheet HTML 1Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 2Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 3Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 4Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 5Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 6Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 7Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 8Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
R
Register
AR
R[9:0]
DAC
G
Register
B
Register
DAC
DAC
Configuration
Control
SYNC/BLANK
Control
Bandgap
Reference
G[9:0]
B[9:0]
CLK
M1
M2
AG
AB
COMP
VREF
AV
DD
AV
SS
SYNC
BLANK
FSADJ
SYNC_T
Input
Formatter
DV
DD
DV
SS
THS8136
SLES236B – NOVEMBER 2008 – REVISED APRIL 2013
www.ti.com
DETAILED DESCRIPTION
The THS8136 is a fast well-matched triple DAC with current outputs optimized for graphics and video
applications without sacrificing is usefulness as a generic DAC. The DAC output stages are designed to provide
direct drive of doubly-terminated 75-
Ω loads (37.5 Ω). The full-scale output current of all three DACs is
determined by a single resistor connecting the FSADJ pin to AVSS (GND). A 3.8-kΩ resistor is suitable for most
applications requiring 700-mV output levels. Additional circuitry and digital input controls for analog sync and
blank level generation are provided for both RGB and YPbPr color spaces. A generic mode of operation is
provided for applications not requiring sync insertion. Figure 1 shows a block diagram of the device.
Figure 1. Functional Block Diagram
Generic DAC Mode Versus Sync Insertion Mode
When configured for sync insertion, the THS8136 provides additional dc bias on the DAC outputs to provide
headroom for negative bi-level sync insertion. Such bias might be undesirable in applications where no analog
sync insertion is required, since it results in additional power consumption and might prevent dc coupling of the
DAC outputs. In such cases, only triple DAC operation without dc bias (i.e., DAC input code 0 corresponding to
0-V output) might be preferred. Generic DAC mode is easily selected by connecting the SYNC and SYNC_T pins
to DVDD (or logic 1) and the M1 and M2 pins to DVSS (or logic 0). BLANK is functional in both generic mode and
sync insertion mode.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: THS8136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com