Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS8136IPHPR.A Datasheet(PDF) 10 Page - Texas Instruments

Part # THS8136IPHPR.A
Description  TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS8136IPHPR.A Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS8136IPHPR.A Datasheet HTML 6Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 7Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 8Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 9Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 10Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 11Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 12Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 13Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
THS8136
SLES236B – NOVEMBER 2008 – REVISED APRIL 2013
www.ti.com
POWER SUPPLY ELECTRICAL CHARACTERISTICS
over recommended operating conditions, fCLK = 180 MHz, use of internal reference voltage VREF, RFS = RFS(nom),
37.5-
Ω load termination (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX(3)
UNIT
CLK = 80 MSPS
65
72
Generic (700 mV)
CLK = 180 MSPS
65
72
CLK = 80 MSPS
110
112
Operating supply current,
IAVDD
Generic (1.2 mV)
mA
analog
CLK = 180 MSPS
110
112
CLK = 80 MSPS
94
102
Sync Insertion (700 mV + Sync)
CLK = 180 MSPS
94
103
CLK = 80 MSPS
13
16
Generic (700 mV)
CLK = 180 MSPS
31
36
CLK = 80 MSPS
14
16
Operating supply current,
IDVDD
Generic (1.2 mV)
mA
digital
CLK = 180 MSPS
31
37
CLK = 80 MSPS
13
16
Sync Insertion (700 mV + Sync)
CLK = 180 MSPS
31
36
CLK = 80 MSPS
238
290
Generic (700 mV)
CLK = 180 MSPS
270
329
CLK = 80 MSPS
388
434
PD
Power dissipation
Generic (1.2 mV)
mW
CLK = 180 MSPS
419
475
CLK = 80 MSPS
334
398
Sync Insertion (700 mV + Sync)
CLK = 180 MSPS
366
441
(1)
A multiburst RGB input test pattern was used in all cases.
(2)
TYP current and PD measured at AVDD = 3.3 V and DVDD = 1.8 V.
(3)
MAX current and PD measured at AVDD = 3.6 V and DVDD = 1.95 V.
DIGITAL INPUTS – DC ELECTRICAL CHARACTERISTICS
over recommended operating conditions, fCLK = 180 MHz, use of internal reference voltage VREF, RFS = RFS(nom),
37.5-
Ω load termination (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level input current
AVDD = 3.3 V, DVDD = 1.8 V, Digital inputs at 1.95 V
1
µA
IIL
Low-level input current
AVDD = 3.3 V, DVDD = 1.8 V, Digital inputs at 0 V
–1
µA
IIH(CLK)
High-level input current, CLK
AVDD = 3.3 V, DVDD = 1.8 V, CLK at 1.95 V
–1
1
µA
IIL(CLK)
Low-level input current, CLK
AVDD = 3.3 V, DVDD = 1.8 V, CLK at 0 V
–1
1
µA
CI
Input capacitance
TA = 25°C
5
pF
Setup time, data and control
ts
1.5
ns
inputs(1)
Hold time, data and control
th
500
ps
inputs(1)
Digital process delay time from first
CLK
td(D)
registered color component of
7.5
periods
pixel(2)
(1)
Specified by characterization only.
(2)
This parameter is specified by design. The digital process delay is defined as the number of CLK cycles required for the first registered
color component of a pixel, starting from the time of registering it on the input bus, to propagate through all processing and appear at the
DAC output drivers. The remaining delay through the IC is the analog delay td(A) of the analog output drivers.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: THS8136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com