Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS8136IPHPR.A Datasheet(PDF) 5 Page - Texas Instruments

Part # THS8136IPHPR.A
Description  TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS8136IPHPR.A Datasheet(HTML) 5 Page - Texas Instruments

  THS8136IPHPR.A Datasheet HTML 1Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 2Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 3Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 4Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 5Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 6Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 7Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 8Page - Texas Instruments THS8136IPHPR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
THS8136
www.ti.com
SLES236B – NOVEMBER 2008 – REVISED APRIL 2013
Blanking Generation
The BLANK control input forces the output amplitude on all channels to the blanking or reference level,
irrespective of the value on the data input ports. The output blanking level on each channel and its relation to
active video varies depending on the mode of operation. In generic DAC mode, the output blank level for each
DAC is at 0 V and corresponds to a DAC input code of 0. When sync insertion is enabled a 350-mV dc bias (RFS
selected for 700-mV output) is applied to provide room for bi-level sync insertion. When RGB sync insertion is
enabled, the output blank level of each DAC will be at 350 mV and will correspond to a DAC input code of 0. In
YPbPr video mode, the blank level of each DAC is 350 mV, but the AR and AB blank levels correspond to a DAC
input code of 512 to accommodate mid-level UV blank levels. A video to blank level amplitude ratio of 2:1 is
maintained for various RFS values, provided the maximum DAC output compliance is not exceeded.
Sync Generation
The SYNC and SYNC_T control inputs can be used to enable the superposition of a bi-level sync on the AG
DAC output. Correctly timed assertion of the SYNC input (active low) allows insertion of an analog composite
sync on the AG DAC output consisting of horizontal sync and vertical sync. The video to sync amplitude ratio is
7:3 providing a 300 mV sync tip, when FSADJ is selected to provide 700 mV full-scale graphics or video. This
7:3 video to sync amplitude ratio is maintained for various RFS values, provided the maximum DAC output
compliance is not exceeded. The SYNC-T input pin must be connected to DVSS (or logic low) to enable sync
insertion.
Device Configuration
The THS8136 operating mode is determined from the state of the SYNC, SYNC-T, M1, and M2 control terminals.
Generic DAC mode is easily selected by connecting SYNC and SYNC_T to DVDD (or logic high) and M1 and M2
to DVSS (logic low). To enable sync insertion, the SYNC_T terminal must be connected to DVSS (or logic low).
YPbPr video mode can be selected for support of mid-level PbPr blanking by connecting the sync control input to
both the SYNC and M2 input terminals. The M1 terminal must be connected to DVSS (logic 0) for all operating
modes. See Table 1 and Figure 4, Figure 5, and Figure 6 for additional information on configuring the THS8136.
Table 1. Table 1. Device Configuration
OPERATING MODE
M1
M2
SYNC_T
SYNC
DESCRIPTION
Sync insertion disabled. The blank level on all DAC outputs corresponds
Generic DAC
0
0
1
1
to 0-V and DAC input code 0.
DC bias and sync insertion enabled. The blank level on all DAC outputs
RGB Sync Insertion
0
0
0
SYNC
corresponds to DAC input code 0.
DC bias and sync insertion enabled. AB and AR mid-level blanking
YPbPr Sync Insertion
0
SYNC
0
SYNC
corresponds to DAC input code 512.
DAC Operation
The DAC output drivers generate a current with a drive level that can be user-modified by choosing an
appropriate resistor value RFS connected between the FSADJ terminal and AVSS (GND). All current source
amplitudes (graphics/video, blanking, and sync on AG) are derived from RFS and an internal voltage reference
such that the relative amplitudes of sync, blank, and graphics/video are always equal to their nominal
relationships. The relative amplitudes of these current drivers are maintained without regard to the value of RFS,
as long as the maximum current drive capability is not exceeded. Figure 3 shows the relationship between RFS
and the current drive level on each channel for full-range DAC input. The voltage compliance outputs in Figure 3
assume termination with a 37.5-
Ω resistor. When sync insertion is enabled, an additional current source is
enabled providing a DC bias and head-room for negative sync insertion. A fixed RFS value of 3.8 kΩ (RFS(nom)) is
suitable for most applications requiring 700-mV output levels.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: THS8136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com