Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX0840/A/2M00 Datasheet(PDF) 4 Page - Bulgin Limited. All rights reserved.

Part # PX0840/A/2M00
Description  Standard Buccaneer - USB
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0840/A/2M00 Datasheet(HTML) 4 Page - Bulgin Limited. All rights reserved.

  PX0840/A/2M00 Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BUCCANEER FOR DATA
Standard Buccaneer - USB
Rear Panel Mounting Connector
Rear Panel Mounting Connector
PX0848/A
PX0848/B
PX0849/A
PX0849/B
PX0848/A - USB ‘A’ type IP68
connector
PX0848/B - USB ‘B’ type IP68
connector
Opposite connector to rear of
panel
Mates with PX0840 and PX0841
cable connectors
PX0849/A - USB ‘A’ type IP68
connector
PX0849/B - USB ‘B’ type IP68
connector
Leaded with 5 way header
Mates with PX0840 and
PX0841 cable connectors
Part no.
Description
Part no.
Description
PX0848/A
PX0848/B
PX0849/A
PX0849/B
IP68 A type USB, rear panel mounted. Sealed A type at front of panel, standard B type at rear.
IP68 B type USB, rear panel mounted. Sealed B type at front of panel, standard A type at rear.
IP68 A type USB, rear panel mounted. Sealed A type at front of panel, 5 way header at rear.
IP68 B type USB, rear panel mounted. Sealed B type at front of panel, 5 way header at rear.
PCB Panel Mounting Connector- PCB DIrect
Mount
PX0845/A
PX0845/B
PX0845/A - USB ‘A’ type IP68
connector
PX0845/B - USB ‘B’ type IP68
connector
PCB contacts at rear
Direct PCB mount
Mates with PX0840 and
PX0841 cable connectors
Part no.
Description
PX0845/A
PX0845/B
IP68 A type USB, rear panel mounted. Sealed A type at front of panel, direct mount PCB contacts at rear.
IP68 B type USB, rear panel mounted. Sealed B type at front of panel, direct mount PCB contacts at rear.
65 Buccaneer for Data



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com