Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX0840/A/2M00 Datasheet(PDF) 5 Page - Bulgin Limited. All rights reserved.

Part # PX0840/A/2M00
Description  Standard Buccaneer - USB
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0840/A/2M00 Datasheet(HTML) 5 Page - Bulgin Limited. All rights reserved.

  PX0840/A/2M00 Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Accessories
BUCCANEER FOR DATA
Standard Buccaneer - USB
PCB Adaptor Leads
Standard A and B type USB
connectors to 5 way crimp
adaptor leads
5 way headers, 2.54mm pitch,
horizontal or vertical mounting
Part no.
Description
Part no.
Description
14193
14194
14191
14192
PX0835
PX0733
PX0711
USB ‘A’ type to 5 way crimp connector
USB ‘B’ type to 5 way crimp connector
5 way PCB header straight
5 way PCB header right angle
Sealing Cap for cable connectors (PX0840, PX0841)
Sealing Cap for front panel mounting connector (PX0842, PX0843)
Sealing Cap for rear panel mounting connector (PX0848, PX0849,
PX0845)
Accessories
Sealing caps to maintain IP68
rating when connectors are
not in use
PX0835 for cable connectors
PX0840 & PX0841
PX0733 for front panel mount
connectors PX0842, PX0843 &
PX0844
PX0711 for rear panel mount
connectors PX0848, PX0849 &
PX0845
USB Flash Drive Cover
PX0852
For use with USB Flash Drives
Maintains IP68 rating when
mated with panel connector
For use with ‘A’ type
connectors: PX0842, PX0843,
PX0845, PX0848 & PX0849
Internal accommodation 17.5
x 14.0 x 83mm approx.
Maintains cable screening
directly to panel
Screening can clips around
the panel fixing nut
For use on PX0460/A and
PX0460/B
Screening Can
PX0464
Buccaneer for Data 66



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com