Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX0840/A/2M00 Datasheet(PDF) 6 Page - Bulgin Limited. All rights reserved.

Part # PX0840/A/2M00
Description  Standard Buccaneer - USB
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0840/A/2M00 Datasheet(HTML) 6 Page - Bulgin Limited. All rights reserved.

  PX0840/A/2M00 Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0840/A/2M00 Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Specifications
BUCCANEER FOR DATA
Standard Buccaneer - USB
Cables & connectors
Mechanical
Sealing
Operating temperature
Salt Mist
Electrical
No. of poles
Current rating
Voltage rating
Contact resistance
Performance
Materials - Overmoulded
Overmould material
Flammability rating
Shell material
Shell plating
Contact material
Contact plating
Connector body & locking ring
Panel connector
Flammability rating
‘O’ rings
Panel Gasket - round
Panel Gasket - square
Mating cycles
RoHS
Materials - cable
Cable Jacket
Screen
Flammability
RoHS
Electrical
No. of conductors
Current rating
Voltage rating
Contact resistance
PCB pitch
Materials
Moulding
Flammability
Contact material
Contact plating
Wire insulation
Flammability
Conductors
Operating temperature
Mating cycles
RoHS
4
1A
30Vac (RMS)
<10m Ω max.
2.54mm
Polycarbonate
UL94V-0
Copper Alloy
30 micro inch Gold
PVC (black)
UL94-V0
4 x 28AWG
0°C to +70°C
1,000
Compliant
IP68, EN60529:1992+A2:2013
(10m depth for 2 weeks)
0°C to +70°C
EN60068-2-52 Test Kb Salt Mist (Cyclic)
Marine Severity Level 1
4
1A
30Vac (RMS)
30m Ω max.
USB version 2.0
PVC (black)
UL94V-0
Steel
Nickel
Copper Alloy
30 micro inch Gold
Glass Loaded Polyester
Nylon 6
UL94V-0
Silicone
Silicone
Neoprene
1,000
Compliant
PVC (black)
Tinned copper braid
UL94V-0
Compliant
Materials - Re-wireable and Panel Connectors
Length:
2m
3m
5m
Dia
4.8mm
5.0mm
5.2mm
Conductors
Signal
2 x 28AWG
2 x 28AWG
2 x 25AWG
Conductors
Power
2 x 24AWG
2 x 22AWG
2 x 20AWG
PCB adaptor leads
Cable construction - PX0840, PX0841
PVC Jacket
Braid
Drain Wire
Insulation - Polyofein
Insulation
SR-PVC
Insulation
HD - PE
Conductor
2M - 24AWG
3M - 22AWG
5M - 20AWG
Conductor
2M - 28AWG
3M - 28AWG
5M - 25AWG
67 Buccaneer for Data



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com