Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC910C001FASL Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC910C001FASL
Description  PWM Controlled Step-Up DC/DC Controllers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC910C001FASL Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC910C001FASL Datasheet HTML 14Page - Torex Semiconductor XC910C001FASL Datasheet HTML 15Page - Torex Semiconductor XC910C001FASL Datasheet HTML 16Page - Torex Semiconductor XC910C001FASL Datasheet HTML 17Page - Torex Semiconductor XC910C001FASL Datasheet HTML 18Page - Torex Semiconductor XC910C001FASL Datasheet HTML 19Page - Torex Semiconductor XC910C001FASL Datasheet HTML 20Page - Torex Semiconductor XC910C001FASL Datasheet HTML 21Page - Torex Semiconductor XC910C001FASL Datasheet HTML 22Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21/22
XC9101
Series
MARK
PRODUCT SERIES
①
②
0
1
XC9101xxxASx
MARK
TYPE
PRODUCT SERIES
C
VOUT, CE pin
XC9101CxxAKx
D
FB, CE pin
XC9101D09AKx
MARK
VOLTAGE
(V)
PRODUCT
SERIES
MARK
VOLTAGE
(V)
PRODUCT
SERIES
2
2.x
XC9101C2xAKx
A
10.x
XC9101CAxAKx
3
3.x
XC9101C3xAKx
B
11.x
XC9101CBxAKx
4
4.x
XC9101C4xAKx
C
12.x
XC9101CCxAKx
5
5.x
XC9101C5xAKx
D
13.x
XC9101CDxAKx
6
6.x
XC9101C6xAKx
E
14.x
XC9101CExAKx
7
7.x
XC9101C7xAKx
F
15.x
XC9101CFxAKx
8
8.x
XC9101C8xAKx
H
16.x
XC9101CHxAKx
9
9.x
XC9101C9xAKx
0
FB products
XC9101C09AKx
MARK
VOLTAGE (V)
PRODUCT SERIES
0
x.0
XC9101Cx0AKx
3
x.3
XC9101C3xAKx
9
FB products
XC9101D09AKx
MARK
TYPE
PRODUCT SERIES
A
Variable by external C and R
XC9101xxxAKx
MARK
YEAR
0
2000
6
2006
MARK
⑧
⑨
PRODUCTION LOT NUMBER
0
3
03
0
A
1A
■
MARKING RULE (Continued)
●
SOP-8
①②
Represents product series
③
Represents type of DC/DC controller
④
Represents integral number of output voltage, or FB type
⑤
Represents decimal number of output voltage, FB type (ex.)
⑥
Represents control type of oscillation frequency
⑦
Represents the last digit of production year
⑧⑨
Represents production lot number (ex.)
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted).
Note: No character inversion used.
SOP-8
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com