Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC910C001FASL Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC910C001FASL
Description  PWM Controlled Step-Up DC/DC Controllers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC910C001FASL Datasheet(HTML) 3 Page - Torex Semiconductor

  XC910C001FASL Datasheet HTML 1Page - Torex Semiconductor XC910C001FASL Datasheet HTML 2Page - Torex Semiconductor XC910C001FASL Datasheet HTML 3Page - Torex Semiconductor XC910C001FASL Datasheet HTML 4Page - Torex Semiconductor XC910C001FASL Datasheet HTML 5Page - Torex Semiconductor XC910C001FASL Datasheet HTML 6Page - Torex Semiconductor XC910C001FASL Datasheet HTML 7Page - Torex Semiconductor XC910C001FASL Datasheet HTML 8Page - Torex Semiconductor XC910C001FASL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3/22
XC9101
Series
PARAMETER
SYMBOL
RATINGS
UNITS
EXT Pin Voltage
VEXT
-0.3~VIN+0.3
V
Isen Pin Voltage
VIsen
-0.3~+22
V
VIN Pin Voltage
VIN
-0.3~+22
V
CE/SS Pin Voltage
VCE
-0.3~+22
V
CLK Pin Voltage
VCLK
-0.3~VIN+0.3
V
CC/GAIN Pin Voltage
VCC
-0.3~VIN+0.3
V
VOUT/FB Pin Voltage
VOUT/FB
-0.3~+22
V
EXT Pin Current
IEXT
±
100
mA
MSOP-8A
150
Power Dissipation
SOP-8
Pd
300
mW
Operating Temperature Range
Topr
-40~+85
℃
Storage Temperature Range
Tstg
-55~+125
℃
■
BLOCK DIAGRAM
■
ABSOLUTE MAXIMUM RATINGS
Ta = 25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com