Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC910C001FASL Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC910C001FASL
Description  PWM Controlled Step-Up DC/DC Controllers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC910C001FASL Datasheet(HTML) 5 Page - Torex Semiconductor

  XC910C001FASL Datasheet HTML 1Page - Torex Semiconductor XC910C001FASL Datasheet HTML 2Page - Torex Semiconductor XC910C001FASL Datasheet HTML 3Page - Torex Semiconductor XC910C001FASL Datasheet HTML 4Page - Torex Semiconductor XC910C001FASL Datasheet HTML 5Page - Torex Semiconductor XC910C001FASL Datasheet HTML 6Page - Torex Semiconductor XC910C001FASL Datasheet HTML 7Page - Torex Semiconductor XC910C001FASL Datasheet HTML 8Page - Torex Semiconductor XC910C001FASL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5/22
XC9101
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUITS
Output Voltage
VOUT
IOUT=300mA
4.875
5.000
5.125
V
①
Maximum
Operating Voltage
VINmax
20
-
-
V
①
Minimum
Operating Voltage
VINmin
-
-
2.5
V
①
Supply Current 1
IDD1
VIN=3.0V, VOUT=CE=
Setting Output Voltage×0.95V
-
160
270
μ
A
②
Supply Current 2
IDD2
VIN=3.0V, CE=VIN
VOUT=Setting Output Voltage×1.05V
-
90
176
μ
A
②
Stand-by Current
ISTB
VIN=3.0V, CE=VOUT=VSS
-
0.5
2.0
μ
A
②
CLK
Oscillation Frequency
FOSC
RT=10.0kΩ, CT=220pF
280
330
380
kHz
③
Δ
FOSC
Frequency
Line Regulation
Δ
VIN・FOSC
VIN=2.5V~20V
-
±
5
-
%
③
Δ
FOSC
Frequency
Temperature Fluctuation
Δ
Topr・FOSC
VIN=2.5V
Topr=-40~+85℃
-
±
5
-
%
③
Maximum Duty Cycle
MAXDTY
VOUT=Setting Voltage×0.95V
79
85
89
%
④
Minimum Duty Cycle
MINDTY
VOUT=Setting Voltage×1.05V
-
-
0
%
④
Current Limit Voltage
ILIM
VIN pin voltage-ISEN pin voltage
90
150
220
mV
⑥
ISEN Current
IISEN
VIN=3.0V, ISEN=3.0V
4.5
7
13
μ
A
⑥
CE "High" Current
ICEH
CE=VIN=3.0V, VOUT=0V
-0.1
0
0.1
μ
A
⑤
CE "Low" Current
ICEL
CE=0V, VIN=3.0V, VOUT=0V
-0.1
0
0.1
μ
A
⑤
CE "High" Voltage
VCEH
CLK Oscillation Starts,
VOUT=0V, CE: Voltage applied
0.6
-
-
V
⑤
CE "Low" Voltage
VCEL
CLK Oscillation Stops,
VOUT=0V, CE: Voltage applied
-
-
0.2
V
⑤
EXT "High"
ON Resistance
REXTH
EXT=VIN-0.4V, CE=VIN=3.0V
VOUT=Setting voltage×0.95V
-
27
51
Ω
④
EXT "Low"
ON Resistance
REXTL
EXT=0.4V, CE=VIN=3.0V
VOUT=Setting voltage×1.05V
-
25
37
Ω
④
Efficiency *1
EFFI
-
87
-
%
①
Soft-Start Time
TSS
Connect CSS and RSS,
CE: 0V→3.0V
-
5
-
ms
①
CC/GAIN Pin
Output Impedance
RCCGAIN
-
400
-
kΩ
⑦
XC9101C50AKR
NOTE: Unless otherwise stated, VIN = 3.0V.
*1: EFFI = {[(output voltage) × (output current)] ÷ [(input voltage) × (input current)]} × 100
*2: The capacity range of the capacitor used to set the external CLK frequency is 150 ~ 220pF
Ta=25℃
■
ELECTRICAL CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com