Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC12C080CISQ/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # ADC12C080CISQ/NOPB
Description  ADC12C080 12-Bit, 65/80 MSPS A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12C080CISQ/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADC12C080CISQ/NOPB Datasheet HTML 12Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 13Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 14Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 15Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 16Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 17Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 18Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 19Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
ADC12C080
SNAS379C – SEPTEMBER 2006 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = +3.0V, VDR = +2.5V, Internal VREF
= +1.2V, fCLK = 80 MHz, 50% Duty Cycle, DCS disabled, VCM = VCMO, fIN = 10 MHz, CL = 5 pF/pin. TA = 25°C.
SNR, SINAD, SFDR vs. VA
Distortion vs. VA
Figure 11.
Figure 12.
SNR, SINAD, SFDR vs. VDR
Distortion vs. VDR
Figure 13.
Figure 14.
SNR, SINAD, SFDR vs. fCLK
Distortion vs. fCLK
Figure 15.
Figure 16.
16
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: ADC12C080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com