Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC12C080CISQ/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC12C080CISQ/NOPB
Description  ADC12C080 12-Bit, 65/80 MSPS A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12C080CISQ/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  ADC12C080CISQ/NOPB Datasheet HTML 1Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 2Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 3Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 4Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 5Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 6Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 7Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 8Page - Texas Instruments ADC12C080CISQ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
ADC12C080
(Top View)
1
3
2
4
5
6
7
8
23
24
21
22
20
19
18
17
VRN
VRP
VA
AGND
AGND
VA
VIN+
VIN-
D6
D5
DRGND
DRDY
VDR
D4
D3
D2
*
ADC12C080
www.ti.com
SNAS379C – SEPTEMBER 2006 – REVISED APRIL 2013
ADC12C080 12-Bit, 65/80 MSPS A/D Converter
Check for Samples: ADC12C080
1
FEATURES
DESCRIPTION
The ADC12C080 is a high-performance CMOS
2
•
1 GHz Full Power Bandwidth
analog-to-digital
converter
capable
of
converting
•
Internal Reference and Sample-and-Hold
analog input signals into 12-bit digital words at rates
Circuit
up to 80 Mega Samples Per Second (MSPS). This
•
Low Power Consumption
converter uses a differential, pipelined architecture
with digital error correction and an on-chip sample-
•
Data Ready Output Clock
and-hold circuit to minimize power consumption and
•
Clock Duty Cycle Stabilizer
the
external
component
count,
while
providing
•
Single +3.0V Supply Operation
excellent dynamic performance. A unique sample-
and-hold stage yields a full-power bandwidth of 1
•
Power-Down Mode
GHz. The ADC12C080 may be operated from a
•
32-Pin WQFN Package, (5x5x0.8mm, 0.5mm
single +3.0V power supply and consumes low power.
Pin-Pitch)
A separate +2.5V supply may be used for the digital
output interface which allows lower power operation
APPLICATIONS
with reduced noise. A power-down feature reduces
the power consumption to very low levels while still
•
High IF Sampling Receivers
allowing fast wake-up time to full operation. The
•
Wireless Base Station Receivers
differential inputs accept a 2V full scale differential
•
Test and Measurement Equipment
input swing. A stable 1.2V internal voltage reference
is provided, or the ADC12C080 can be operated with
•
Communications Instrumentation
an external 1.2V reference. Output data format (offset
•
Portable Instrumentation
binary versus 2's complement) and duty cycle
stabilizer are pin-selectable. The duty cycle stabilizer
KEY SPECIFICATIONS
maintains performance over a wide range of clock
duty cycles.
•
Resolution 12 Bits
•
Conversion Rate 80 MSPS
The ADC12C080 is available in a 32-lead WQFN
package and operates over the industrial temperature
•
SNR (fIN = 170 MHz) 68 dBFS (typ)
range of
−40°C to +85°C.
•
SFDR (fIN = 170 MHz) 86 dBFS (typ)
•
Full Power Bandwidth 1 GHz (typ)
•
Power Consumption 300 mW (typ)
Connection Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC12C080CISQ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12C080CISQ/NOPB TI1-ADC12C080CISQ/NOPB Datasheet
1Mb / 32P
65/80 MSPS A/D Converter
More results

Similar Description - ADC12C080CISQ/NOPB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9432 AD-AD9432 Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
1/02-REV.E
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
12-Bit, 65 MSPS A/D Converter
1998 06
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
12-Bit, 65/80 MSPS A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
Dual 10-Bit 65/80 MSPS A/D Converter
HMCAD1050-80 HITTITE-HMCAD1050-80 Datasheet
794Kb / 14P
Dual 13/12-Bit 65/80 MSPS A/D Converter
HMCAD1051-80 HITTITE-HMCAD1051-80 Datasheet
755Kb / 14P
Single 13/12-Bit 65/80 MSPS A/D Converter
logo
Analog Devices
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
logo
Texas Instruments
ADC14C080 TI1-ADC14C080_14 Datasheet
1Mb / 30P
14-Bit, 65/80 MSPS A/D Converter
ADC12C080 TI1-ADC12C080 Datasheet
1Mb / 32P
65/80 MSPS A/D Converter
ADC14C080 TI1-ADC14C080_15 Datasheet
1Mb / 31P
65/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com