Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIO-CSJGIN3/4 Datasheet(PDF) 14 Page - Amphenol Industrial Products Group.

Part # AIO-CSJGIN3/4
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJGIN3/4 Datasheet(HTML) 14 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJGIN3/4 Datasheet HTML 10Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 11Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 12Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 13Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 14Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 15Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 16Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 17Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 18Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
12
PT, SP Service Classes
PT and SP connectors are available in the service
classes listed below. Each class, with the exception of
hermetic, offers one or more means of terminating or
supporting a cable or wire bundle.
“A”
General duty; back shell is threaded for con-
duit attachment of MS3057 cable clamp
“A” (SR) General duty, with strain relief clamp for cable
or wire bundle support
“C”
Pressurized receptacle; less than 1 cu. in. per
hour leakage at 30 psi over a temperature
range of –65°F to +257°F
“E”
Environmental resistant connectors - sup-
plied with a multi-holed grommet and clamp-
ing nut for moisture-proofing individual open
wires
“E” (SR) Environmental resistant strain relief clamp
and grommet for moisture proofing individual
wires; provides added wire bundle support
“P”
Translucent nylon boot for retaining cus-
tomer-applied potting compounds; held in
place by a threaded ring
“P” (SR) Strain relief clamp suitable for retaining cus-
tomer applied potting compounds, with pro-
vision for wire support
“PG”
Compressing cable gland for moisture proof-
ing jacketed cables.
“H”*
Hermetically sealed with compression glass
inserts (see pages 22-25)
Style with printed circuit board contacts- see page 20.
MS/PT Service Classes
The MS/PT Miniature connector is available in the
following certified service classes:
“E”
Environmental resistant connectors - sup-
plied with a multi-holed grommet and clamp-
ing nut for moisture-proofing individual open
wires
“F”
Grommet seal with strain relief clamp
“J”
Compressing clamp and neoprene gland for
moisture proofing multi-conductor jacketed
cable and strain relief. Telescoping sleeves
(MS 3420A) can be used to adapt to cables
smaller than minimum close-down.
“P”
Translucent nylon boot for retaining cus-
tomer-applied potting compounds; held in
place by a threaded ring
“A”
general duty
“E” (SR),
MS / “F”
strain relief
“E”,
MS / “E”
open wire seal
“P”,
MS / “P”
potting boot
“PG”
cable gland
seal
PURCHASED
RELEASED / Dec . 21 2015, 2:09:12 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com