Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIO-CSJGIN3/4 Datasheet(PDF) 48 Page - Amphenol Industrial Products Group.

Part # AIO-CSJGIN3/4
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJGIN3/4 Datasheet(HTML) 48 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJGIN3/4 Datasheet HTML 44Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 45Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 46Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 47Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 48Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 49Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 50Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 51Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 52Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
46
Coaxial Contacts
for miniature cylindrical connectors, cont.
solder (MIL-DTL-26482 Series 1 type) - application data
SOLDER COAX CONTACTS
For use in Miniature Solder Type Connectors: PT, SP, and MS/PT Styles
Cable
Contact Part Number
Contact
Size
Dimensional Data
(See Drawings above)
Crimp Ferrule Tools
Retainer
Nut
Wrench
G
Dia.
H
Dia.
±0.001
F
Across
Flats
±0.004
L
Length Ref.
Pin
Socket
Pin Socket
MIL-T-22910/7-1
Tool
Use with Die Part
Number
MIL-C-22520/5-01
Tool
Use with Die Part
Number
MIL-C-22520/10-01
Tool
Use with Die Part
Number
RG-58C/U,
RG-141A/U,
RG-303/U
21-33020-2
21-33019-2
8S
0.040
± 0.001
0.219
0.280
1.114
1.115
M22910/7-15 (B)
M22520/5-05 (B)
M22520/5-41 (B)
M22520/10-07 (B)
11-8676-2
RG-59B/U,
RG-62A/U,
RG-62B/U,
RG-210/U
21-33020-1
21-33019-1
8L
0.040
± 0.001
0.219
0.280
1.176
1.177
M22910/7-18 (B)
M22520/5-45 (B)
11-8676-3
21-33020-3
21-33019-3
8S
0.040
± 0.001
0.219
0.280
1.114
1.115
RG-142B/U,
Times MI51115
21-33020-7* 21-33019-7*
8S
0.040
± 0.001
0.219
0.280
1.114
1.115
M22910/7-16 (B)
M22520/5-43 (B)
11-8676-2
RG-161/U,
RG-174A/U,
RG-179B/U,
RG-187A/U,
RG-188A/U,
RG-316/U
21-33020-32* 21-33019-32*
12S
0.0300
± 0.0005
0.140
0.172
1.092
1.093
M22910/7-12 (B)
M22520/5-03 (A)
M22520/5-08 (A)
M22520/5-35 (B)
M22520/10-05 (A)
11-8676-1
RG-178B/U
21-33020-4
21-33019-4*
8S
0.040
± 0.001
0.219
0.280
1.114
1.115
M22910/7-11 (B)
M22520/5-03 (B)
M22520/5-33 (B)
M22520/10-05 (B)
11-8676-2
RG-196A/U
21-33020-31†
21-33061-
31*†
12S
0.0300
± 0.0005
0.140
0.172
1.092
1.093
M22910/7-11 (B)
M22520/5-03 (B)
M22520/5-33 (B)
M22520/10-05 (B)
11-8676-1
RG-180B/U,
RG-195A/U,
Raychem
5022D1312-9
21-33020-5* 21-33019-5*
8S
0.040
± 0.001
0.219
0.280
1.114
1.115
M22910/7-15 (B)
M22520/5-05 (B)
M22520/5-41 (B)
M22520/10-07 (B)
11-8676-2
Raychem
5021D1331-9
21-33020-6* 21-33019-6*
8S
0.040
± 0.001
0.219
0.280
1.114
1.115
M22910/7-15 (B)
M22520/5-05 (B)
M22520/5-41 (B)
M22520/10-07 (B)
11-8676-2
Thermatics
2929-29
21-33020-33 21-33061-33
12S
0.0200
± 0.0005
0.140
0.172
1.092
1.093
M22910/7-13 (B)
M22520/5-37 (B)
11-8676-1
NOTE: Contacts can be ordered by part numbers given in chart
NOTE: Size 8S and 12S contacts are used with connector
inserts through shell size 18 only. For larger connector shell
sizes, use size 8L contacts.
CONTACT FINISH: For all contacts in this series feature
0.000050 minimum gold (Knoop hardness 130-200).
* Consult Amphenol, Sidney NY for availability
CRIMPING TOOLS: Italicized letters in parenthesis that follow positioner
part numbers indicate applicable die closure. Commercial equivalents
with the same die closure dimension may be used.
† 21-33020-31 and 21-33061-31 only mate with each other
H
G
L
F
H
G
L
F
PIN
SOCKET
MATING
PIN DIA
MATING
PIN DIA
NOTE: All contacts of the same size and the same inner and
outer contact diameters (G & H) will mate with each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com