Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIO-CSJGIN3/4 Datasheet(PDF) 51 Page - Amphenol Industrial Products Group.

Part # AIO-CSJGIN3/4
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

AIO-CSJGIN3/4 Datasheet(HTML) 51 Page - Amphenol Industrial Products Group.

Back Button AIO-CSJGIN3/4 Datasheet HTML 45Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 46Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 47Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 48Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 49Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 50Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 51Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 52Page - Amphenol Industrial Products Group. AIO-CSJGIN3/4 Datasheet HTML 53Page - Amphenol Industrial Products Group.  
Zoom Inzoom in Zoom Outzoom out
 51 / 53 page
background image
49
F
F
R
B
CUT-OUT FOR
PT ONLY
PIN LOCATION FOR PC ONLY
SECTION
JAM NUT MOUNTINGS
FLANGE MOUNTED CONNECTORS
All flange mounting PT connectors use standard MS mounting
dimensions. They cannot be back panel mounted due to
coupling clearance. The PTB (thru-bulkhead) type connector
must also be back panel mounted on one side. Flange gaskets
are available for both series, see page 37.
Shell
Size
R
(TP)
D
Dia.
PT
SP
PT
SP
6
.469
.641
.323
.439
8
.594
.734
.449
.563
10
.719
.812
.573
.680
12
.812
.938
.699
.859
14
.906
1.031
.823
.984
16
.969
1.125
.949
1.108
18
1.062
1.203
1.073
1.233
20
1.156
1.297
1.199
1.358
22
1.250
1.375
1.323
1.483
24
1.375
–
1.449
–
JAM NUT MOUNTINGS
The jam nut design has become very popular because it allows
bench wiring of harness assemblies. The labor saving often
offsets the added cost of the jam nut receptacle which is due to
the self contained “O” ring and the extra nut.
Shell
Size
R
+.010
–.000
B
+.000
–.010
F
±.010
P
Panel Thickness
Min.
Max.
6
.447
.420
.286
.062
.125
8
.572
.542
.331
.062
.125
10
.697
.669
.375
.062
.125
12
.884
.830
.442
.062
.125
14
1.007
.955
.486
.062
.125
16
1.134
1.084
.530
.062
.125
18
1.259
1.208
.573
.062
.125
20
1.384
1.333
.641
.062
.250
22
1.507
1.459
.685
.062
.250
24
1.634
1.575
–
.062
.250
HERMETIC RECEPTACLE MOUNTINGS
This series must be mounted in such a way as to preserve the
hermetic seal provided by the glass insert. Mounting data for
box and jam nut receptacles is given above. Cut-out required
for solder mounting receptacles (N) is given below.
Shell
Size
N
Max.
6
.458
8
.582
10
.692
12
.801
14
.926
16
1.051
18
1.176
20
1.395
22
1.375
24
1.520
The finish of each of these hermetic
receptacles is fused electro-deposited
tin for easy solderability, and protected
by a special lacquer for optimum shelf
life. The lacquer will not interfere with
any soldering operation.
Low temperature solder should be used
and the addition of a solder fillet at arrow
points on drawing at right is rec-
ommended. Care must be taken that the
operating temperature of the final
assembly does not rise above the
melting point of tin (440° F).
Mounting Recommendations
for miniature cylindrical connectors
N
CUT-OUT
SOLDER
RECEPTACLE
JAM NUT
RECEPTACLE
(See dimensions
above)
BOX
RECEPTACLE
(See dimensions
above)
HERMETIC RECEPTACLES
R
(TP)
R
2
D Dia.
R
2
.120 Dia. for Shell Sizes 6-22
PC & PT
.147 Dia. for
Size 24 PT
.150 Dia. for
SP only
4 HOLES
CUT-OUT
SECTION
No. 4 Screw
for PC & PT
No. 6 Screw
for SP and for
Size 24 PT
FLANGE MOUNTED CONNECTORS
4 HOLES
.120 Dia. for Shell Sizes 6-22 PT
.147 Dia. for
Size 24 PT
.150 Dia. for
SP only
No. 4 Screw
for PT
No. 6 Screw
for SP and
Size 24 PT
F
F
R
B
CUT-OUT FOR
PT ONLY
PIN LOCATION FOR PC ONLY
SECTION
JAM NUT MOUNTINGS
PT PANEL CUT OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com