Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD87331Q3D.B Datasheet(PDF) 14 Page - Texas Instruments

Part # CSD87331Q3D.B
Description  CSD87331Q3D Synchronous Buck NexFET™ Power Block
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87331Q3D.B Datasheet(HTML) 14 Page - Texas Instruments

Back Button CSD87331Q3D.B Datasheet HTML 10Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 11Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 12Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 13Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 14Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 15Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 16Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 17Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
0
5
10
15
20
0
20
40
60
80
100
120
140
Board Temperature (°C)
1
2
3
14
CSD87331Q3D
SLPS283B – SEPTEMBER 2011 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: CSD87331Q3D
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
Typical Application (continued)
In the design example above, the estimated power loss of the CSD87331Q3D would increase to 2.05 W. In
addition, the maximum allowable board and/or ambient temperature would have to decrease by 4.8°C. Figure 33
graphically shows how the SOA curve would be adjusted accordingly.
1. Start by drawing a horizontal line from the application current to the SOA curve.
2. Draw a vertical line from the SOA curve intercept down to the board/ambient temperature.
3. Adjust the SOA board/ambient temperature by subtracting the temperature adjustment value.
In the design example, the SOA temperature adjustment yields a reduction in allowable board/ambient
temperature of 4.8°C. In the event the adjustment value is a negative number, subtracting the negative number
would yield an increase in allowable board/ambient temperature.
Figure 33. Power Block SOA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com