Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD87331Q3D.B Datasheet(PDF) 11 Page - Texas Instruments

Part # CSD87331Q3D.B
Description  CSD87331Q3D Synchronous Buck NexFET™ Power Block
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87331Q3D.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button CSD87331Q3D.B Datasheet HTML 7Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 8Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 9Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 10Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 11Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 12Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 13Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 14Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
80
82
84
86
88
90
92
94
96
0
2
4
6
8
10
12
14
16
Output Current (A)
PowerBlock HS/LS RDS(ON) = 18mΩ/6.7mΩ
Discrete HS/LS RDS(ON) = 18mΩ/6.7mΩ
Discrete HS/LS RDS(ON) = 18mΩ/5.5mΩ
VGS = 5V
VIN = 12V
VOUT = 1.3V
LOUT = 1µH
fSW = 500kHz
TA = 25ºC
0
0.5
1
1.5
2
2.5
3
3.5
4
0
2
4
6
8
10
12
14
16
Output Current (A)
PowerBlock HS/LS RDS(ON) = 18mΩ/6.7mΩ
Discrete HS/LS RDS(ON) = 18mΩ/6.7mΩ
Discrete HS/LS RDS(ON) = 18mΩ/5.5mΩ
VGS = 5V
VIN = 12V
VOUT = 1.3V
LOUT = 1µH
fSW = 500kHz
TA = 25ºC
11
CSD87331Q3D
www.ti.com
SLPS283B – SEPTEMBER 2011 – REVISED FEBRUARY 2017
Product Folder Links: CSD87331Q3D
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
Application Information (continued)
Figure 29. Elimination of Parasitic Inductances
The combination of TI’s latest generation silicon and optimized packaging technology has created a
benchmarking solution that outperforms industry standard MOSFET chipsets of similar RDS(ON) and MOSFET
chipsets with lower RDS(ON). Figure 30 and Figure 31 compare the efficiency and power loss performance of the
CSD87331Q3D versus industry standard MOSFET chipsets commonly used in this type of application. This
comparison purely focuses on the efficiency and generated loss of the power semiconductors only. The
performance of CSD87331Q3D clearly highlights the importance of considering the effective AC on-impedance
(ZDS(ON)) during the MOSFET selection process of any new design. Simply normalizing to traditional MOSFET
RDS(ON) specifications is not an indicator of the actual in-circuit performance when using TI’s power block
technology.
Figure 30. Efficiency
Figure 31. Power Loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com