Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD87331Q3D.B Datasheet(PDF) 25 Page - Texas Instruments

Part # CSD87331Q3D.B
Description  CSD87331Q3D Synchronous Buck NexFET™ Power Block
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87331Q3D.B Datasheet(HTML) 25 Page - Texas Instruments

Back Button CSD87331Q3D.B Datasheet HTML 19Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 20Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 21Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 22Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 23Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 24Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 25Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 26Page - Texas Instruments CSD87331Q3D.B Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
(1.8)
6X (0.65)
(3.05)
2X (0.34)
2X (0.65)
(2.7)
(R0.05) TYP
(
0.2) VIA
TYP
(0.22)
4X (0.2)
2X (1.18)
6X (0.65)
6X (0.34)
4X (0.5)
2X (1.1)
2X (0.65)
LSON-CLIP - 1.55 mm max height
DQZ0008A
PLASTIC SMALL OUTLINE - NO LEAD
4229809/A 07/2023
PKG
1
4
5
8
PKG
LAND PATTERN EXAMPLE
SCALE:20X
9
3
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If some or all are implemented, recommended via locations are shown.
SOLDER MASK
OPENING
SOLDER MASK
METAL UNDER
SOLDER MASK
DEFINED
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com