Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BSM50GD120DLC Datasheet(PDF) 2 Page - eupec GmbH

Part # BSM50GD120DLC
Description  Technische Information / Technical Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

BSM50GD120DLC Datasheet(HTML) 2 Page - eupec GmbH

  BSM50GD120DLC Datasheet HTML 1Page - eupec GmbH BSM50GD120DLC Datasheet HTML 2Page - eupec GmbH BSM50GD120DLC Datasheet HTML 3Page - eupec GmbH BSM50GD120DLC Datasheet HTML 4Page - eupec GmbH BSM50GD120DLC Datasheet HTML 5Page - eupec GmbH BSM50GD120DLC Datasheet HTML 6Page - eupec GmbH BSM50GD120DLC Datasheet HTML 7Page - eupec GmbH BSM50GD120DLC Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technische Information / Technical Information
IGBT-Module
IGBT-Modules
BSM50GD120DLC
Charakteristische Werte / Characteristic values
Transistor / Transistor
min.
typ.
max.
Einschaltverzögerungszeit (ind. Last)
IC = 50A, VCC = 600V
turn on delay time (inductive load)
VGE = ±15V, RG = 15Ω, Tvj = 25°C
td,on
-
0,05
-
µs
VGE = ±15V, RG = 15Ω, Tvj = 125°C
-
0,06
-
µs
Anstiegszeit (induktive Last)
IC = 50A, VCC = 600V
rise time (inductive load)
VGE = ±15V, RG = 15Ω, Tvj = 25°C
tr
-
0,05
-
µs
VGE = ±15V, RG = 15Ω, Tvj = 125°C
-
0,05
-
µs
Abschaltverzögerungszeit (ind. Last)
IC = 50A, VCC = 600V
turn off delay time (inductive load)
VGE = ±15V, RG = 15Ω, Tvj = 25°C
td,off
-
0,25
-
µs
VGE = ±15V, RG = 15Ω, Tvj = 125°C
-
0,3
-
µs
Fallzeit (induktive Last)
IC = 50A, VCC = 600V
fall time (inductive load)
VGE = ±15V, RG = 15Ω, Tvj = 25°C
tf
-
0,03
-
µs
VGE = ±15V, RG = 15Ω, Tvj = 125°C
-
0,07
-
µs
Einschaltverlustenergie pro Puls
IC = 50A, VCC = 600V, VGE = 15V
turn-on energy loss per pulse
RG = 15Ω, Tvj = 125°C, LS = 120nH
Eon
-
6,4
-
mWs
Abschaltverlustenergie pro Puls
IC = 50A, VCC = 600V, VGE = 15V
turn-off energy loss per pulse
RG = 15Ω, Tvj = 125°C, LS = 120nH
Eoff
-
6,2
-
mWs
Kurzschlußverhalten
tP ≤ 10µsec, VGE ≤ 15V, RG = 15Ω
SC Data
TVj≤125°C, VCC=900V, VCEmax=VCES -LsCE ·dI/dt
ISC
-
400
-
A
Modulinduktivität
stray inductance module
LsCE
-
60
-
nH
Modul Leitungswiderstand, Anschlüsse – Chip
module lead resistance, terminals – chip
TC=25°C
RCC‘+EE‘
-
4,4
-
m
Ω
Charakteristische Werte / Characteristic values
Diode / Diode
min.
typ.
max.
Durchlaßspannung
IF = 50A, VGE = 0V, Tvj = 25°C
VF
-
1,8
2,3
V
forward voltage
IF = 50A, VGE = 0V, Tvj = 125°C
-
1,7
2,2
V
Rückstromspitze
IF = 50A, - diF/dt = 1300A/µsec
peak reverse recovery current
VR = 600V, VGE = -15V, T vj = 25°C
IRM
-52
-
A
VR = 600V, VGE = -15V, T vj = 125°C
-66
-
A
Sperrverzögerungsladung
IF = 50A, - diF/dt = 1300A/µsec
recovered charge
VR = 600V, VGE = -15V, T vj = 25°C
Qr
-
5,1
-
µAs
VR = 600V, VGE = -15V, T vj = 125°C
-
10,7
-
µAs
Abschaltenergie pro Puls
IF = 50A, - diF/dt = 1300A/µsec
reverse recovery energy
VR = 600V, VGE = -15V, T vj = 25°C
Erec
-
1,9
-
mWs
VR = 600V, VGE = -15V, T vj = 125°C
-
4
-
mWs
2(8)
Seriendatenblatt_BSM50GD120DLC.xls



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com