Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM1771TMM/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM1771TMM/NOPB
Description  LM1771 Low-Voltage Synchronous Buck Controller With Precision Enable and No External Compensation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM1771TMM/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM1771TMM/NOPB Datasheet HTML 10Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 11Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 12Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 13Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 14Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 15Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 16Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 17Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
L =
(VIN ± VOUT) x D
0.3 x fSW x IOUT
'IL =
(VIN ± VOUT) x D
L x fSW
VOUT + VDS_NMOS
D =
VIN + VDS_NMOS + VDS_PMOS
LM1771
SNVS446D – JUNE 2006 – REVISED JANUARY 2016
www.ti.com
Typical Applications (continued)
(8)
8.2.1.2.1.1
Frequency Selection
The LM1771 is available with three preset timing options that select the ON-time and hence determine the
switching frequency of the application. Increasing the switching frequency has the effect of reducing the inductor
size needed for the application while requiring a slight trade-off in efficiency. Table 4 shows the same frequency
table as shown earlier (Table 2) with the exception that the recommended timing option for each VOUT is
highlighted. TI does not recommend using a high switching frequency with VOUT equal to or greater than 2.5 V
due to the maximum duty-cycle limitations of the device coupled with the internal start-up.
Table 4. Recommended Switching Frequency vs VOUT
TIMING OPTIONS (1)
VOUT
500 ns
1000 ns
2000 ns
0.8
485
242
-
1
606
303
-
1.2
727
364
-
1.5
909
455
2237
1.8
-
545
273
2.5
-
-
379
3.3
-
-
500
(1)
Recommended switching frequency (kHz) based on output voltage
and timing option.
8.2.1.2.1.2
Inductor Selection
The inductor selection is an iterative process likely requiring several passes before settling on a final value. The
reason for this is because it influences the amount of ripple seen at the output, a critical component to ensure
general stability of an adaptive ON-time circuit. For the first pass at inductor selection the value can be obtained
by targeting a maximum peak-to-peak ripple current equal to 30% of the maximum load current. The inductor
current ripple (
ΔIL) can be calculated by Equation 9:
(9)
Therefore, L can be initially set by applying the 30% rule in Equation 10:
(10)
The other features of the inductor that can be selected besides inductance value are saturation current and core
material. Because the LM1771 does not have a current limit, TI recommends having a saturation current higher
than the maximum output current to handle any ripple or momentary overcurrent events. The core material also
influences the saturation characteristics as ferrite materials have a hard saturation curve and take care that they
never saturate during normal use. A shielded inductor or low-profile unshielded inductor is recommended to
reduce EMI. This also helps prevent any spurious noise from picking up on the feedback node resulting in
unexpected tripping of the feedback comparator.
8.2.1.2.1.3
Output Capacitor
One of the most important components to select with the LM1771 is the output capacitor. This is because its size
and ESR have a direct effect on the stability of the loop. A constant ON-time control scheme works by sensing
the output voltage ripple and switching the FETs appropriately. The output voltage ripple on a buck converter can
be approximated by stating that the AC inductor ripple flows entirely into the output capacitor and is created by
the ESR of the capacitor. This can be expressed in Equation 11:
ΔVOUT = ΔIL x RESR
(11)
14
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Product Folder Links: LM1771



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com