Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM1771TMM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM1771TMM/NOPB
Description  LM1771 Low-Voltage Synchronous Buck Controller With Precision Enable and No External Compensation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM1771TMM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM1771TMM/NOPB Datasheet HTML 1Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 2Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 3Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 4Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 5Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 6Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 7Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 8Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
FB
GND
VIN
EN
VIN
LG
HG
GND
1
2
3
4
5
6
7
8
DAP
1
2
3
5
4
6
FB
GND
HG
LG
VIN
EN
LM1771
www.ti.com
SNVS446D – JUNE 2006 – REVISED JANUARY 2016
5 Pin Configuration and Functions
NGG Package
6-Pin WSON
Top View
DGK Package
8-Pin VSSOP
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
WSON
VSSOP
Die Attach Pad is internally connected to GND, but it cannot be used as the
DAP
—
—
GND
primary GND connection
EN
6
8
I
Enable Pin
FB
1
1
A
Feedback Pin
GND
2
2, 3
GND
Ground
HG
3
4
AO
PFET Gate Drive
LG
4
5
AO
NFET Gate Drive
VIN
5
6, 7
PWR
Input Supply
(1)
I = Input, A = Analog, GND = Ground, AO = Analog output, PWR = Power
Copyright © 2006–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM1771



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com