Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM1771TMM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM1771TMM/NOPB
Description  LM1771 Low-Voltage Synchronous Buck Controller With Precision Enable and No External Compensation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM1771TMM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM1771TMM/NOPB Datasheet HTML 1Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 2Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 3Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 4Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 5Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 6Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 7Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 8Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LM1771
SNVS446D – JUNE 2006 – REVISED JANUARY 2016
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
See
(1) (2)
MIN
MAX
UNIT
VIN
–0.3
6
V
EN, FB, HG, LG
–0.3
VIN
V
Junction temperature
150
°C
Lead temperature
Soldering, 10 sec
260
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VIN to GND
2.8
5.5
V
Junction temperature, TJ
−40
125
°C
6.4 Thermal Information
LM1771
THERMAL METRIC(1)
NGG (WSON)
DGK (VSSOP)
UNIT
6 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
52.8
169.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
51.4
59.7
°C/W
RθJB
Junction-to-board thermal resistance
27.2
89.3
°C/W
ψJT
Junction-to-top characterization parameter
0.7
7.0
°C/W
ψJB
Junction-to-board characterization parameter
27.3
87.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7.4
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Product Folder Links: LM1771



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com