Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3444MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3444MA/NOPB
Description  LM3444 AC-DC Offline LED Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3444MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM3444MA/NOPB Datasheet HTML 1Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 2Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 3Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 4Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 5Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 6Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 7Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 8Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
1
4
3
2
10
7
8
9
ISNS
NC
GATE
NC
COFF
VCC
NC
NC
5
6
FILTER
GND
3
2
1
6
7
8
VCC
NC
NC
GND
COFF
FILTER
4
5
ISNS
GATE
LM3444
www.ti.com
SNVS682D – NOVEMBER 2010 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
DGS Package
D Package
10-Pin VSSOP
8-Lead SOIC
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
VSSOP
SOIC
OFF time setting pin. A user set current and capacitor connected from the
COFF
4
8
I
output to this pin sets the constant OFF time of the switching controller.
Filter input. A low pass filter tied to this pin can filter a PWM dimming signal to
supply a DC voltage to control the LED current. Can also be used as an analog
FILTER
5
2
I
dimming input. If not used for dimming connect a 0.1-µF capacitor from this pin
to ground.
Power MOSFET driver pin. This output provides the gate drive for the power
GATE
8
5
O
switching MOSFET of the buck controller.
GND
6
3
—
Circuit ground connection
LED current sense pin. Connect a resistor from main switching MOSFET
ISNS
7
4
I
source, ISNS to GND to set the maximum LED current.
NC
1, 2, 3, 10
1, 7
—
No internal connection. Leave this pin open.
Input voltage pin. This pin provides the power for the internal control circuitry
VCC
9
6
O
and gate driver.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com