Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3444MA/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3444MA/NOPB
Description  LM3444 AC-DC Offline LED Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3444MA/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM3444MA/NOPB Datasheet HTML 1Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 2Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 3Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 4Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 5Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 6Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 7Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 8Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LM3444
www.ti.com
SNVS682D – NOVEMBER 2010 – REVISED DECEMBER 2015
6.5 Electrical Characteristics
All typical limits are for TJ = 25°C and all maximum and minimum limits apply over the full operating temperature range
(TJ = −40°C to 125°C). Minimum and maximum limits are specified through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VCC = 12 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC SUPPLY
IVCC
Operating supply current
1.58
2.25
mA
Rising threshold
7.4
7.7
VCC-UVLO
Falling threshold
6
6.4
V
Hysterisis
1
COFF
VCOFF
Time-out threshold
1.225
1.276
1.327
V
RCOFF
Off timer sinking impedance
33
60
Ω
tCOFF
Restart timer
180
µs
CURRENT LIMIT
VISNS
ISNS limit threshold
1.174
1.269
1.364
V
Leading edge blanking time
125
ns
tISNS
Current limit reset delay
180
µs
ISNS limit to GATE delay
ISNS = 0 to 1.75-V step
33
ns
CURRENT SENSE COMPARATOR
VFILTER
FILTER open circuit voltage
720
750
780
mV
RFILTER
FILTER impedance
1.12
M
Ω
VOS
Current sense comparator offset voltage
–4
0.1
4
mV
GATE DRIVE OUTPUT
VDRVH
GATE high saturation
IGATE = 50 mA
0.24
0.5
V
VDRVL
GATE low saturation
IGATE = 100 mA
0.22
0.5
Peak souce current
GATE = VCC/2
–0.77
IDRV
A
Peak sink current
GATE = VCC/2
0.88
Rise time
Cload = 1 nF
15
tDV
ns
Fall time
Cload = 1 nF
15
THERMAL SHUTDOWN
Thermal shutdown temperature
165
TSD
See (1)
°C
Thermal shutdown hysteresis
20
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design. In applications where high power dissipation
and/or poor package thermal resistance is present, the maximum ambient temperature may have to be derated. Maximum ambient
temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125°C), the maximum power dissipation
of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application (RθJA), as
given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com