Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3444MA/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3444MA/NOPB
Description  LM3444 AC-DC Offline LED Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3444MA/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3444MA/NOPB Datasheet HTML 2Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 3Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 4Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 5Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 6Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 7Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 8Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 9Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
-50 -30 -10 10 30 50 70 90 110130150
1.25
1.26
1.27
1.28
1.29
TEMPERATURE (°C)
OFF Threshold at C11
VBUCK (V)
1.50
1.25
1.00
0.75
0.50
0.25
0
50
100
150
200
3 LEDs
5 LEDs
7 LEDs
9 LEDs
Series
connected LEDs
8.0
7.5
7.0
6.5
6.0
-50
-25
0
25
50
75
100 125 150
UVLO (VCC) Rising
UVLO (VCC) Falling
TEMPERATURE (°C)
200.0
190.0
180.0
170.0
160.0
150.0
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
LINE VOLTAGE (VAC)
300k
250k
200k
150k
100k
50k
0
80
90
100
110
120
130
140
C11 = 2.2 nF, R3 = 348 k:
7 LEDs in Series (VO = 24.5V)
LINE VOLTAGE (VAC)
95.0
90.0
85.0
80.0
75.0
80
90
100
110
120
130
140
14 Series connected LEDs
10 Series connected LEDs
LM3444
SNVS682D – NOVEMBER 2010 – REVISED DECEMBER 2015
www.ti.com
6.6 Typical Characteristics
Figure 1. fSW vs Input Line Voltage
Figure 2. Efficiency vs Input Line Voltage
Figure 3. VCC UVLO vs Temperature
Figure 4. Minimum On-Time (tON) vs Temperature
Figure 6. Normalized Variation in fSW Over VBUCK Voltage
Figure 5. Off Threshold (C11) vs Temperature
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM3444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com