Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3495MTC/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LM3495MTC/NOPB
Description  LM3495 Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3495MTC/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM3495MTC/NOPB Datasheet HTML 20Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 21Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 22Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 23Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 24Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 25Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 26Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 27Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
R1 =
B
gm
GEA = gm x
VFB
VO
sR1C1 + 1
s x (sR1C1C2 + C1 + C2)
x
100
1k
10k
100k
1M
FREQUENCY (Hz)
-180
-150
-120
-90
-60
-30
0
100
1k
10k
100k
1M
FREQUENCY (Hz)
-60
-45
-30
-15
0
15
30
fSW
mC ± 0.5
ZL =
LM3495
SNVS410F – FEBRUARY 2006 – REVISED APRIL 2013
www.ti.com
And the higher frequency pole is:
(29)
In the equation for APS, the output resistance, RO, is the output voltage divided by output current. DC gain is
highest when output current is lowest. In order to design for the worst case, RO should be calculated for the
minimum load current. For this example, no minimum load has been specified, so a load of 100 mA will be used
(RO = 12Ω).
For this example, the value of DC gain is 24dB. The low frequency pole fP = ωP/ 2π is at 2.7kHz, the ESR zero fZ
=
ωZ/ 2π is at 1.06 MHz, and the higher frequency pole is at 48 kHz. Gain and phase plots for the power stage
are shown in Figure 37.
Figure 37. Power Stage Gain and Phase
The low frequency pole and higher frequency pole cause a roll-off in the gain of -20 dB/decade at lower
frequency that increases to -40 dB/decade at higher frequency. The effect of the ESR zero is not seen because
its frequency is beyond the switching frequency. If this loop were left uncompensated, the bandwidth would be 39
kHz and the phase margin 58°. This loop would be stable, but would suffer from poor regulation of the output
voltage due to the low DC gain. In practice, this loop could change significantly due to the tolerances in the
output inductor, output capacitor, changes in output current, or input voltage. Therefore, the loop is compensated
using the error amplifier and a few passive components.
In general the goal of the compensation circuit is to give high DC gain, a bandwidth that is between one-fifth and
one-tenth of the switching frequency, and at least 45° of phase margin. The majority of both peak current mode
and emulated peak current mode buck regulators can be compensated with just two components, R1 and C1, as
shown in the Typical Application Circuit. For power stages where the ESR zero frequency is below one-half of
the switching frequency a second capacitor, C2, may be needed to add another pole to the compensation. For
power stages where the ESR zero frequency is beyond the control loop bandwidth, a compromise in bandwidth
is needed to maintain good phase margin. The transfer function of the compensation block, GEA, can be derived
by multiplying the impedance ZC = (R1 + 1/sC1)ll( 1/sC2) times the DC gain of the error amp to give the following
equation:
(30)
This transfer function provides one pole at the origin, one zero at 1/(2
πR1C1), and another pole at approximately
1/(2
πR1C2) if C2 is used. If C2 is not used, a default value of 10 pF is substituted, representing the parasitic
capacitance from the COMP/SD pin to ground.
The value for R1 can be calculated using the following equation:
(31)
24
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3495



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com