Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3495MTC/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # LM3495MTC/NOPB
Description  LM3495 Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3495MTC/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM3495MTC/NOPB Datasheet HTML 25Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 26Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 27Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 28Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 29Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 30Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 31Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 32Page - Texas Instruments LM3495MTC/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
LM3495
www.ti.com
SNVS410F – FEBRUARY 2006 – REVISED APRIL 2013
Table 3. Bill of Materials for Typical Application Circuit
ID
Part Number
Type
Size
Parameters
Qty
Vendor
U1
LM3495
Synchronous Controller
TSSOP-16
1
TI
Q1
HAT2198R
N-MOSFET
SO-8
30V, 9.6m
Ω, 11nC
1
Renesas
Q2
HAT2165H
N-MOSFET
LFPAK
30V, 3.4m
Ω, 33nC
1
Renesas
D1
MBR0530
Schottky Diode
SMA
30V, 0.5A
1
Vishay
L1
RLF12560T-1R0N140
Inductor
12.5x12.8 x 6mm
1µH 14A 3m
Ω
1
TDK
CIN
C3225X5R1E226M
Capacitor
1210
22µF, 25V
1
TDK
CO1, CO2
C3225X5R0J107M
Capacitor
1210
100µF 6.3V 1.5m
Ω
2
TDK
CF
C2012X7R1E105M
Capacitor
0805
1µF, 25V
1
TDK
CDD
C2012X7R1C225M
Capacitor
0805
2.2µF 16V
1
TDK
CB, CINX
VJ0805Y104KXXAT
Capacitor
0805
100nF 10%
2
Vishay
CC1
VJ0805Y103KXXAT
Capacitor
0805
10nF 10%
1
Vishay
RC1
CRCW08051501F
Resistor
0805
1.5k
Ω 1%
1
Vishay
RFB1,
CRCW08051002F
Resistor
0805
10k
Ω 1%
2
Vishay
RFB2
RFRQ
CRCW08055492F
Resistor
0805
54.9k
Ω 1%
1
Vishay
RLIM
CRCW08053321F
Resistor
0805
3.32k
Ω 1%
1
Vishay
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM3495



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com